Electronic Components Datasheet Search
  English  ▼

X  

TNETX15VEPGE Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETX15VEPGE
Description  VLAN-ENGINE ADDRESS-LOOKUP DEVICE
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX15VEPGE Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETX15VEPGE Datasheet HTML 7Page - Texas Instruments TNETX15VEPGE Datasheet HTML 8Page - Texas Instruments TNETX15VEPGE Datasheet HTML 9Page - Texas Instruments TNETX15VEPGE Datasheet HTML 10Page - Texas Instruments TNETX15VEPGE Datasheet HTML 11Page - Texas Instruments TNETX15VEPGE Datasheet HTML 12Page - Texas Instruments TNETX15VEPGE Datasheet HTML 13Page - Texas Instruments TNETX15VEPGE Datasheet HTML 14Page - Texas Instruments TNETX15VEPGE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
TNETX15VE
VLAN-ENGINE ADDRESS-LOOKUP DEVICE
SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (Continued)
DIO interface
statistics interface
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
EINT
112
0
TNETX15VE interrupt. EINT is an interrupt request from the TNETX15VE to an optional attached
microprocessor. Its purpose is to reduce the polling that is required for the processor to be current on the
operational states of the TNETX15VE. The interrupt cause is determined by reading the interrupt register
(0x28, 0x29). It is not required to acknowledge or act on the interrupts (unmanaged operation). EINT is
active high and level sensitive; it is high when any of the interrupt triggers are active.
ESCS
86
I
TNETX15VE chip select. When ESCS is active (low), a port access is valid for the TNETX15VE device.
ESCS must not be tied to any other chip-select signal (such as the TNETX3150/TNETX3150A SCS).
SAD1
SAD0
85
84
I
DIO address bus. SAD1–SAD0 selects the TNETX15VE host registers.
SAD1
DESCRIPTION
DIO address low
0
SAD0
0
DIO address high
01
DIO data
10
DIO data auto-increment
11
SDATA7†
81
SDATA6
80
SDATA5
79
SDATA4
78
I/O
DIO data bus SDATA7 SDATA0 is a byte wide bidirectional DIO bus
SDATA3
76
I/O
DIO data bus. SDATA7–SDATA0 is a byte-wide bidirectional DIO bus.
SDATA2
75
SDATA1
74
SDATA0‡
73
SRDY
88
O
DIO ready. When SRDY is active low, the following conditions occur:
– When SRNW = 1, the interface host is told that data is valid for reading by the host.
– When SRNW = 0, the interface host is told that data has been received by the TNETX15VE. When
ESCS is inactive (high), SRDY is disabled [high-impedance (Z) state]. For this reason, SRDY
should have a 10-K pullup resister to avoid engaging the hosts ready logic during the time when
TNETX15VE is not addressed.
SRNW
83
I
DIO read/not write. SRNW is a read- or write-select signal.
– When SRNW is high, the read operation is performed by the host.
– When SRNW is low, the write operation is performed by the host.
† Most-significant bit
‡ Least-significant bit
DIO interface
MII
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
MDCLK
113
O
MII management data clock. MDCLK is a clock from the TNETX15VE for the serial MII management data
MDIO. MDCLK can be disabled [high-impedance (Z) state] by MDIOEN [a bit in the SIO register at 0x0A
(DIO)].
MDIO
109
I/O
MII management data input/output. MDIO is the data terminal for serial MII management data. MDIO
requires an external pullup resistor for proper operation. MDIO can be disabled [high-impedance (Z) state]
by MDIOEN [a bit in the SIO register at 0x0A (DIO)].
MRESET
114
O
MII management reset. MRESET is a reset signal for the serial MII management interface. MRESET can
be disabled [high-impedance (Z) state] by MDIOEN [a bit in the SIO register at 0x0A (DIO)].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com