| Electronic Components Datasheet Search |
|
TNETX15VEPGE Datasheet(PDF) 55 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX15VEPGE Datasheet(HTML) 55 Page - Texas Instruments |
|
55 / 113 page ![]() TNETX15VE VLAN-ENGINE ADDRESS-LOOKUP DEVICE SPWS028B – APRIL 1997 – REVISED SEPTEMBER 1997 55 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION operating logic arbitration (continued) INIT LKUP DEL ADD REG FIND AGE Decreasing Priority Figure 4. Logic-Operation Priorities The arbiter grants the bus to the logic operation with the highest priority that is currently requesting the bus. Each logic operation requests the bus by asserting its request signal. The arbiter assigns the bus to that logic operation by asserting its grant signal. If no logic operation is requesting the bus, the arbiter grants the bus to AGE for background-aging operations. One logic operation can interrupt a lower-priority logic operation to acquire the bus. For example, an LKUP operation interrupts an ADD operation. For the case of ADD and DEL (with the same priority), the arbiter grants the bus to the first logic operation that requests it. It then grants an uninterruptable bus (unless by a LKUP) to that logic operation until that logic operation is completed. If both ADD and DEL request the bus at the same time, the bus is granted to ADD. This ensures that ADD is not interrupted by a DEL operation and vice versa. This hierarchy explains why a host request for access to RAM completes with some variability — there may be higher-priority operations accessing RAM at that instant. lookup algorithm The TNETX15VE uses a table-based lookup algorithm to provide deterministic lookups with less than 248 memory words. The tables are hierarchical and are linked to the lower tables by threads. Each table can thread to several different tables in the hierarchy. The lowest table in the hierarchy (leaf) does not point to anything and contains information about the address to be matched. Each level in the hierarchy is assigned to a specific range of bits in the address. The bits in the range are used as an offset within the table at each level. If a thread exists at that offset, the TNETX15VE follows that thread. The TNETX15VE matches an address when it finds a complete thread to a leaf. The thread structure is shown in Figure 5. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |