Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2440FN Datasheet(PDF) 29 Page - Texas Instruments

Part # SN74ACT2440FN
Description  NuBusE INTERFACE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2440FN Datasheet(HTML) 29 Page - Texas Instruments

Back Button SN74ACT2440FN Datasheet HTML 25Page - Texas Instruments SN74ACT2440FN Datasheet HTML 26Page - Texas Instruments SN74ACT2440FN Datasheet HTML 27Page - Texas Instruments SN74ACT2440FN Datasheet HTML 28Page - Texas Instruments SN74ACT2440FN Datasheet HTML 29Page - Texas Instruments SN74ACT2440FN Datasheet HTML 30Page - Texas Instruments SN74ACT2440FN Datasheet HTML 31Page - Texas Instruments SN74ACT2440FN Datasheet HTML 32Page - Texas Instruments SN74ACT2440FN Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
SN74ACT2440
NuBus
™ INTERFACE CONTROLLER
SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
29
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
fmax
Clock frequency, CLK
10
MHz
NuBus
™ card-slot signals, CL = 300 pF†
PARAMETER
LOAD
MIN
TYP‡
MAX
UNIT
tpd
Propagation delay time, CLK
↑ to START
R1 = 270
Ω, R2 = 470 Ω
20
32
ns
tpd
Propagation delay time, CLK
↑ to ACK
R1 = 270
Ω, R2 = 470 Ω
20
32
ns
tpd
Propagation delay time, CLK
↑ to TMx
R1 = 270
Ω, R2 = 470 Ω
20
32
ns
tpd
Enable time, NMREQ to NMRQ
R1 = 270
Ω, R2 = 470 Ω
20
32
ns
ten
Enable time, CLK
↑ to RQST
R1 = 91
Ω, R2 = 220 Ω
18
32
ns
ten
Enable time, CLK
↑ to START
R1 = 270
Ω, R2 = 470 Ω
18
32
ns
ten
Enable time, CLK
↑ to ACK
R1 = 270
Ω, R2 = 470 Ω
18
32
ns
ten
Enable time, CLK
↑ to TMx
R1 = 270
Ω, R2 = 470 Ω
18
32
ns
ten
Enable time, CLK
↓ to ARBx
R1 = 91
Ω, R2 = 220 Ω
20
35
ns
ten
Enable time, CLK
↑ to SPV
R1 = 270
Ω, R2 = 470 Ω
23
45
ns
NuBus
™ card-slot signals, CL = 50 pF†
PARAMETER
LOAD
MIN
TYP‡
MAX
UNIT
tdis
Disable time, CLK
↑ to RQST
R1 = 91
Ω, R2 = 220 Ω
13
20
ns
tdis
Disable time, CLK
↑ to START
R1 = 270
Ω, R2 = 470 Ω
12
22
ns
tdis
Disable time, CLK
↑ to ACK
R1 = 270
Ω, R2 = 470 Ω
10
18
ns
tdis
Disable time, CLK
↑ to TMx
R1 = 270
Ω, R2 = 470 Ω
10
18
ns
tdis
Disable time, CLK
↑ to ARBx
R1 = 91
Ω, R2 = 220 Ω
13
24
ns
tdis
Disable time, CLK
↑ to SPV
R1 = 270
Ω, R2 = 470 Ω
10
18
ns
† See Parameter Measurement Information for load circuit and voltage waveforms.
‡ All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com