Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2440FN Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74ACT2440FN
Description  NuBusE INTERFACE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2440FN Datasheet(HTML) 4 Page - Texas Instruments

  SN74ACT2440FN Datasheet HTML 1Page - Texas Instruments SN74ACT2440FN Datasheet HTML 2Page - Texas Instruments SN74ACT2440FN Datasheet HTML 3Page - Texas Instruments SN74ACT2440FN Datasheet HTML 4Page - Texas Instruments SN74ACT2440FN Datasheet HTML 5Page - Texas Instruments SN74ACT2440FN Datasheet HTML 6Page - Texas Instruments SN74ACT2440FN Datasheet HTML 7Page - Texas Instruments SN74ACT2440FN Datasheet HTML 8Page - Texas Instruments SN74ACT2440FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
SN74ACT2440
NuBus
™ INTERFACE CONTROLLER
SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
4
Terminal functions (continued)
MASTER/SLAVE INPUT SIGNALS
PIN
DESCRIPTION
NAME
NO.
DESCRIPTION
IDEQ
5
ID equal. This active-low input signal is used by the slave-state machine to detect if the current NuBus
™ cycle is addressing
the local board. This input is interrogated on the sample edge (high-to-low) of the NuBus
™ clock in the cycle following the
start cycle. This input is asserted if slot and/or super-slot addresses are broadcast on the previous start cycle
LACK
50
Local acknowledge. This active-low input signal controls the NuBus
™ acknowledge signal (ACK) during slave cycles. When
the local board is ready to respond to a NuBus
™ transfer request, this input signal is driven low. The ACK output will go active
(low) on the next driving edge after LACK is sampled.
LOCTM0
LOCTM1
54
55
Local transfer-mode control. These input signals determine the sense of the NuBus
™ transfer-mode signals, TM0 and TM1,
during master start and slave acknowledge cycles. The controller latches these signals upon detecting the NuBus
™. Request
signal (NREQ). During a NuBus
™ slave acknowledge cycle, the NuBus™ TM lines reflect the current state of these inputs.
MHOLD
51
Master hold. This active-low input signal is used by the buffer control logic to hold data on the local board after the NuBus
™
cycle terminates. If this signal is true when the acknowledge cycle is received (for a NuBus
™ cycle initiated by this controller)
and the current cycle is a NuBus
™ read, then the data enable signal (DEN) remains true until MHOLD is unasserted.
Additionally, the latched TM status lines (NLTMO, NLTM1) continue to reflect the TM information presented on the NuBus
™
during the acknowledge cycle (this applies to both reads and writes). While the holding function is active, the controller inhibits
the local master from issuing another NuBus
™ start cycle when NREQ is not taken inactive after the acknowledge. In other
words, MHOLD allows only one start cycle to occur.
MLREQ
49
Master lock request. This active-low input signal, in conjunction with NREQ, causes the controller to lock the NuBus™ by
issuing an attention lock resource cycle after winning arbitration. When MLREQ is taken inactive, the controller automatically
issues a NuBus
™ attention null cycle (regardless of the state of NREQ). The attention null cycle signals the end of the locked
resource tenture.
MRDY
48
Master ready. This active-low input signal indicates to the controller that the local board is ready to perform a NuBus™ master
start cycle. The current state of the master-state machine determines this signal’s effect. If the master-state machine enters
the arbitration process (with no lock request) and wins mastership of the bus, this signal can delay issuing a start cycle for
up to 16 NuBus
™ clocks periods. After this period, the master–state machine automatically issues a NuBus™ attention null
cycle, returns to the idle state, and re-enters the arbitration process with lock request asserted, it issues an attention lock
cycle immediately upon acquiring mastership of the bus. The master-state machine then waits for MRDY to be asserted
before issuing a NuBus
™ start cycle. There is no timer in the lock mode. If the master-state machine is parked on the bus,
this signal is simply ANDed with the NuBus
™ request signal (NREQ) to generate the start cycle.
NMREQ
53
NonMaster request. This nonsynchronous active-low input asserts the NuBus
™ NonMaster request signal (NMRQ)
NREQ
47
NuBus
™ request. This active-low input signal indicates to the controller that the local board wants access to the NuBus™.
It initiates arbitration if the local board is not already the bus master.
SGNTA
56
Slave grant access. This active-low input signal indicates to the slave-state machine that the local board resources are
available. When this signal is asserted and an external request is pending, the slave-state machine issues the proper enable
signals (AEN and DEN). These enable signals remain active until SGNTA is unasserted.
SIACK
57
Slave interim acknowledge. This active-low signal indicates to the slave-state machine that an interim acknowledge (required
for block transfers) should be issued on the NuBus
™. The controller responds by asserting TM0 during block transfers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com