Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2440FN Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ACT2440FN
Description  NuBusE INTERFACE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2440FN Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT2440FN Datasheet HTML 3Page - Texas Instruments SN74ACT2440FN Datasheet HTML 4Page - Texas Instruments SN74ACT2440FN Datasheet HTML 5Page - Texas Instruments SN74ACT2440FN Datasheet HTML 6Page - Texas Instruments SN74ACT2440FN Datasheet HTML 7Page - Texas Instruments SN74ACT2440FN Datasheet HTML 8Page - Texas Instruments SN74ACT2440FN Datasheet HTML 9Page - Texas Instruments SN74ACT2440FN Datasheet HTML 10Page - Texas Instruments SN74ACT2440FN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SN74ACT2440
NuBus
™ INTERFACE CONTROLLER
SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
7
cycle descriptions
master read cycles
When the local board wants to read data from another board connected to the NuBus
™, it first must win
mastership of the bus. The timing diagram in Figure 2 shows the simplest form of operation for a typical master
read cycle with master ready (MRDY) and master hold tied common with NREQ. The process begins when the
local board takes NuBus
™ Request (NREQ) active (low) which causes the local board to begin arbitrating for
the bus by forcing RQST low.
On the first sample edge after NREQ is taken active (low), the local transfer-mode input lines (LOCTMx) are
latched into the controller. Depending on the number of other masters competing for the bus, the requesting
process can take a few clock cycles. Under the rules of fair arbitration, each requesting master is guaranteed
to win ownership of the bus before a previous winner is allowed to re-arbitrate for the bus.
When the local board wins control of the bus, the controller signals the local board by taking NuBus
™ master
(NMSTR) active (high). The controller immediately issues a start cycle (if MRDY is active) on the next driving
edge by taking START low and placing the read address on the bus.
The accessed slave responds to the read request by placing the read data on the bus and driving NuBus
™
acknowledge (ACK) low. The controller signals the local board that the transfer is complete by driving master
done (MDONE) active (high). The local board responds to the MDONE signal by driving NREQ, MRDY, and
MHOLD inactive (high) when it finishes using the read data. If no other masters are requesting the NuBus
™,
the controller parks on the bus, which is indicated by NMSTR remaining high (see Figure 2). The local board
can issue another start cycle by simply taking NREQ low; it does not have to perform arbitration when the
controller is parked on the bus. The controller remains parked on the bus until another master begins arbitrating
for the bus. Refer to the section on NuBus
™ cycles from the parked position for additional details.
master write cycles
When the local board wants to write data to another board connected to the NuBus
™, it first must win mastership
of the bus. Figure 3 shows the timing diagram of a typical master write cycle. The local board follows the same
arbitration process as described in the master read cycle.
When the local board wins mastership of the bus, the controller signals the local board by driving NMSTR high.
The controller immediately issues a start cycle (if MRDY) is active) on the next driving edge by taking START
low and placing the write address on the bus. At the end of the start cycle, the controller places the write data
on the bus. The addressed slave responds to the write request by driving ACK low.
The controller signals the local board that the transfer is complete by driving master done (MDONE) active
(high). The cycle is completed on the local board after NREQ, MRDY, and MHOLD return inactive. The same
rules apply for parking on the bus as described in the master read cycle.
high-speed master read/write cycles
Figure 4 demonstrates a high-speed master read or master write cycle. The major difference between these
cycles and the ones previously described is that MHOLD does not hold the controller after one master cycle.
This feature allows the local board to generate additional start cycles quickly. This capability assumes that no
other master has won ownership of the bus and the next transfer cycle (read or write) has not changed. If the
transfer cycle has changed, the new transfer code must be latched into the ’ACT2440 by taking NREQ high for
one clock cycle immediately after MDONE has been received.
If NREQ or MRDY are taken inactive (high) before the first sample clock edge after MDONE has been received,
a new start cycle is not automatically generated. Likewise, if MHOLD is taken active (low) before the first sample
clock edge after ACK has been received, a new start cycle is not automatically generated. The simplest form
of interface ties MHOLD and MRDY in common with NREQ, which guarantees that only one transfer cycle is
generated every NREQ cycle. However, higher performance is achievable by using the above method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com