Electronic Components Datasheet Search
  English  ▼

X  

SN74ACT2440FN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ACT2440FN
Description  NuBusE INTERFACE CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT2440FN Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT2440FN Datasheet HTML 1Page - Texas Instruments SN74ACT2440FN Datasheet HTML 2Page - Texas Instruments SN74ACT2440FN Datasheet HTML 3Page - Texas Instruments SN74ACT2440FN Datasheet HTML 4Page - Texas Instruments SN74ACT2440FN Datasheet HTML 5Page - Texas Instruments SN74ACT2440FN Datasheet HTML 6Page - Texas Instruments SN74ACT2440FN Datasheet HTML 7Page - Texas Instruments SN74ACT2440FN Datasheet HTML 8Page - Texas Instruments SN74ACT2440FN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SN74ACT2440
NuBus
™ INTERFACE CONTROLLER
SCHS010 – D3158, OCTOBER 1988 – REVISED JANUARY 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1991, Texas Instruments Incorporated
1
• Designed for NuBus™ Interface
Applications
• Supports Master, Slave, and Master/Slave
Applications
• Conforms to ANSI/IEEE Std 1196-1987
• Designed to Operate With SN74BCT2420
NuBus
™ Data/Address Interface Devices
• Supports NuBus™ 1987 Block Transfers
With the Addition of the SN74ALS2442
• EPIC™ (Enhanced Performance Implanted
CMOS) 1-
µm Process
• Fully TTL-Compatible
• Dependable Texas Instruments Quality and
Reliability
description
The SN74ACT2440 NuBus
™ Controller handles
NuBus
™ signaling protocol in compliance with
ANSI/IEEE Std 1196-1987. The device allows a
simple
connection
to
the
NuBus
™; typical
configurations include master-only, slave-only,
and master/slave. Additionally, it provides extra status and control lines to facilitate more sophisticated
approaches. With the addition of the SN74ALS2442, slave block transfers can be supported by this device. For
additional details on block transfers, consult the SN74ALS2442 data sheet and the application note titled
Supporting NuBus
™ Block Slave Transfers Using Texas Instruments SN74ACT2440, SN74BCT2420, and
SN74ALS2442.
Figure 1 shows a typical NuBus
™ interface using the ’ACT2440. Data and address buffering is handled via two
SN74BCT2420s. The SN74BCT2420s are BiCMOS buffers designed specifically for supporting NuBus
™
interfacing. The ’ACT2440 provides the buffer control signals needed to directly drive the SN74BCT2420s;
however, in simpler applications, standard SSI and MSI buffers may be used in place of the ’BCT2420s.
The ’ACT2440 is comprised of five major signal groups: byte decode signals, data/address interface-control
signals, master/slave input signals, NuBus
™ card-slot signals, and NuBus™ status signals. Byte decode
determines which type of NuBus
™ cycle is being performed. Data/address interface control provides the
buffering signals required to multiplex and de-multiplex the NuBus
™ data/address lines. The master/slave
inputs control the master- and slave-state machines. The NuBus
™ card-slot signals interface with the NuBus™.
The NuBus
™ status signals indicate the status of the master/slave-state machines and provide buffered
NuBus
™ signals. Refer to Table 1 for additional details.
The SN74ACT2440 is characterized for operation from 0
°C to 70°C.
67
68
28 29
A1
A0
VCC
SIACK
SGNTA
LOCTM1
LOCTM0
NMREQ
GND
MHOLD
LACK
MLREQ
MRDY
NREQ
MDONE
NLOCK
NMSTR
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
RESET
ARB0
GND
ARB1
GND
ARB2
GND
ARB3
GND
VCC
START
ACK
GND
RQST
GND
NMRQ
CLK
31 32 33 34
FN PACKAGE
(TOP VIEW)
87 6 5 4
93
1
2
35 36 37 38 39
66 65
27
64 63 6261
40 41 42 43
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
NuBus is a trademark of Texas Instruments Incorporated.
EPIC is a trademark of Texas Instruments Incorporated.


Similar Part No. - SN74ACT2440FN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT244 TI-SN74ACT244 Datasheet
82Kb / 5P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI-SN74ACT244 Datasheet
699Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI1-SN74ACT244 Datasheet
1Mb / 22P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ACT244 TI1-SN74ACT244 Datasheet
2Mb / 38P
SNx4ACT244 Octal Buffers and Drivers With 3-State Outputs
REVISED JULY 2023
SN74ACT244 TI1-SN74ACT244 Datasheet
1Mb / 22P
SN74ACT244-Q1 Automotive Octal Buffer/Driver with 3-State Outputs
REVISED JULY 2023
More results

Similar Description - SN74ACT2440FN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68184 MOTOROLA-MC68184 Datasheet
366Kb / 15P
Broadband Interface Controller
logo
NXP Semiconductors
PCA82C250 PHILIPS-PCA82C250 Datasheet
94Kb / 20P
CAN controller interface
2000 Jan 13
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
SERCOS INTERFACE CONTROLLER
May 1994
SERCON816 STMICROELECTRONICS-SERCON816 Datasheet
319Kb / 23P
SERCOS INTERFACE CONTROLLER
Jan-2003
logo
Intel Corporation
82731 INTEL-82731 Datasheet
1Mb / 19P
VIDEO INTERFACE CONTROLLER
logo
List of Unclassifed Man...
NET2890 ETC-NET2890 Datasheet
432Kb / 73P
USB Interface Controller
logo
National Semiconductor ...
MNDP83950B-VQB NSC-MNDP83950B-VQB Datasheet
80Kb / 14P
REPEATER INTERFACE CONTROLLER
logo
Sony Corporation
CXD1969 SONY-CXD1969 Datasheet
159Kb / 2P
CableCARDTM INTERFACE CONTROLLER
logo
NXP Semiconductors
PCA82C250N NXP-PCA82C250N Datasheet
232Kb / 18P
CAN controller interface
Rev. 06-25 August 2011
logo
Analog Devices
LT4293 AD-LT4293 Datasheet
694Kb / 16P
PD Interface Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com