Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS767D301MPWPREP Datasheet HTML 1Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 2Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TA − Free-Air Temperature − °C
−40
0
20
120
103
−60
40
60
80 100
102
101
100
10−1
10−2
−20
140
IO = 1 A
IO = 10 mA
IO = 0
VO = 3.3 V
CO = 10 µF
t − Time −
µs
1
0.5
60
40
20
80 100
140
120
160 180 200
0
VO = 3.3 V
CL =100 µF
TA = 25°C
0
0
50
100
−50
−100
RESET
OUT
OUT
6
5
4
IN
IN
EN
GND
3
28
24
23
VI
C1
0.1
µF
50 V
RESET
VO
10
µF
+
TPS767D3xx
CO
250 k
Ω
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
DROPOUT VOLTAGE
vs
LOAD TRANSIENT RESPONSE
FREE-AIR TEMPERATURE
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low and is directly
proportional to the output current. Additionally, since the PMOS pass element is a voltage-driven device, the
quiescent current is very low and independent of output loading (typically 85 mA over the full range of output
current, 0 mA to 1 A). These two key specifications yield a significant improvement in operating life for
battery-powered systems. This LDO device also features a sleep mode; applying a TTL high signal to enable
(EN) shuts down the regulator, reducing the quiescent current to 1 mA at TJ = 25°C.
The RESET output of the TPS767D301-EP initiates a reset in microcomputer and microprocessor systems in the
event of an undervoltage condition. An internal comparator in the TPS767D301-EP monitors the output voltage
of the regulator to detect an undervoltage condition on the regulated output voltage.
The TPS767D301-EP is offered in an adjustable version (programmable over the range of 1.5 V to 5.5 V). Output
voltage tolerance is specified as a maximum of 3% over line, load, and temperature ranges. The
TPS767D301-EP is available in a 28-pin PWP (TSSOP) package. The device operates over a junction
temperature range of –55°C to 125°C.
Figure 1. Typical Application Circuit (Fixed Versions) for Single Channel
2
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com