Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 4 Page - Texas Instruments

  TPS767D301MPWPREP Datasheet HTML 1Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 2Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
VI
Vres
See Note A.
Vres
t
t
t
VO
Threshold
Voltage
RESET
Output
200-ms
Delay
200-ms
Delay
Output
Undefined
Output
Undefined
VIT+
See Note B.
VIT−
VIT−
VIT+
See Note B.
Less than 5% of the
output voltage
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1GND
3
Regulator 1 ground
1EN
4
I
Regulator 1 enable
1IN
5, 6
I
Regulator 1 input supply voltage
2GND
9
Regulator 2 ground
2EN
10
I
Regulator 2 enable
2IN
11, 12
I
Regulator 2 input supply voltage
2OUT
17, 18
O
Regulator 2 output voltage
2RESET
22
O
Regulator 2 reset
1OUT
23, 24
O
Regulator 1 output voltage
Regulator 1 output voltage feedback for adjustable version and no connect for fixed-output
1FB/NC
25
I
version
1RESET
28
O
Regulator 1 reset
1, 2, 7, 8, 13–16,
NC
No connection
19–21, 26, 27
TIMING DIAGRAM
A.
Vres is the minimum input voltage for a valid RESET. The symbol Vres is not currently listed within EIA or JEDEC
standards for semiconductor symbology.
B.
VIT – Trip voltage typically is 5% lower than the output voltage (95% VO).
4
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com