Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS767D301MPWPREP Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IO − Output Current − A
0.1
0.3
0.2
0.8
1
0
0.9
0.4
0.5
0.6 0.7
VO = 1.8 V
VI = 2.8V
TA = 25°C
1.7965
1.7960
1.7955
1.7950
1.7945
1.7940
IO − Output Current − A
2.4955
2.4940
2.4920
0.1
0.3
2.4950
2.4945
2.4935
0.2
0.4
0.6
2.4960
0
0.5
VO = 2.5 V
VI = 3.5 V
TA = 25°C
2.4930
2.4925
0.8
0.7
0.9
1
IO − Output Current − A
3.2830
3.2815
3.2800
0.1
0.3
3.2825
3.2820
3.2810
0.2
0.8
1
3.2835
0
0.9
3.2805
0.4
0.5
0.6 0.7
VO = 3.3 V
VI = 4.3 V
TA = 25°C
TA − Free-Air Temperature − °C
3.31
3.28
3.25
−40
0
3.30
3.29
3.27
−20
100
140
3.32
−60
120
3.26
20
40
60
80
VO = 3.3 V
VI = 4.3 V
IO = 1 A
IO = 1 mA
TA − Free-Air Temperature − °C
1.800
1.785
−40
0
1.810
1.805
1.795
−20
100
140
1.815
−60
120
1.790
20
40
60
80
IO = 1 mA
IO = 1 A
VO = 1.8 V
VI = 2.8 V
TA − Free-Air Temperature − °C
−40
0
−20
100
−60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
VO = 2.5 V
VI = 3.5 V
IO = 1 A
IO = 1 mA
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
Figure 5.
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 6.
Figure 7.
Figure 8.
8
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com