Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 12Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 13Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 14Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 15Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 16Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RESET
OUT
OUT
6
5
4
IN
IN
EN
GND
3
28
24
23
VI
C1
0.1
µF
50 V
RESET
VO
10
µF
+
TPS767D3xx
CO
250 k
Ω
V
O +
V
ref
1 )
R1
R2
where:
Vref = 1.1834 V typ (the internal reference voltage)
R1 +
V
O
V
ref
* 1
R2
OUTPUT
VOLTAGE
R1
R2
2.5 V
3.3 V
3.6 V
4 75V
UNIT
33.2
53.6
61.9
90.8
30.1
30.1
30.1
30.1
k
Ω
k
Ω
k
Ω
k
Ω
OUTPUT VOLTAGE
PROGRAMMING GUIDE
VO
VI
RESET
OUT
FB / NC
R1
R2
GND
EN
IN
<0.5V
>2.7 V
RESET Output
0.1
µF
250 k
Ω
+
10
µF
CO
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
Figure 26. Typical Application Circuit (Fixed Versions) for Single Channel
Programming the TPS767D301-EP Adjustable LDO Regulator
The output voltage of the TPS767D301-EP adjustable regulator is programmed using an external resistor divider
as shown in Figure 27. The output voltage is calculated using:
(1)
Resistors R1 and R2 should be chosen for approximately 50-mA divider current. Lower-value resistors can be
used, but offer no inherent advantage and waste more power. Higher values should be avoided, as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose R2 = 30.1 k
Ω
to set the divider current at 50 mA and then calculate R1 using:
(2)
Figure 27. TPS767D301-EP Adjustable LDO Regulator Programming
Reset Indicator
The TPS767D301-EP features a RESET output that can be used to monitor the status of the regulator. The
internal comparator monitors the output voltage. When the output drops to 95% (typical) of its regulated value,
the RESET output transistor turns on, taking the signal low. The open-drain output requires a pullup resistor. If
not used, it can be left floating. RESET can be used to drive power-on reset circuitry or as a low-battery
indicator.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com