Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301MPWPREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS767D301MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS767D301MPWPREP Datasheet(HTML) 1 Page - Texas Instruments

  TPS767D301MPWPREP Datasheet HTML 1Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 2Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 3Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 4Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 5Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 6Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 7Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 8Page - Texas Instruments TPS767D301MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
NC
1GND
1EN
1IN
1IN
NC
NC
2GND
2EN
2IN
2IN
NC
NC
1RESET
NC
NC
1FB/NC
1OUT
1OUT
2RESET
NC
NC
NC
2OUT
2OUT
NC
NC
PWP PACKAGE
(TOP VIEW)
NC − No internal connection
TPS767D301-EP
www.ti.com
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
Check for Samples: TPS767D301-EP
1
FEATURES
•
Controlled Baseline
•
1-mA Quiescent Current During Shutdown
–
One Assembly/Test Site, One Fabrication
•
Dual Open-Drain Power-On Reset With
Site
200-ms Delay for Each Regulator
•
Extended Temperature Performance of –55°C
•
28-Pin PowerPAD™ TSSOP Package
to 125°C
•
Thermal Shutdown Protection for Each
•
Enhanced Diminishing Manufacturing Sources
Regulator
(DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree
Component qualification in accordance with JEDEC and industry
standards to ensure reliable operation over an extended
temperature range. This includes, but is not limited to, Highly
Accelerated Stress Test (HAST) or biased 85/85, temperature
cycle, autoclave or unbiased HAST, electromigration, bond
intermetallic life, and mold compound life. Such qualification testing
should not be viewed as justifying use of this component beyond
specified
performance and environmental limits.
•
Dual Output Voltages for Split-Supply
Applications
•
Output Current Range of 0 mA to 1.0 A Per
Regulator
•
3.3-V/Adjustable Output
•
Fast Transient Response
•
3% Tolerance Over Load and Temperature
•
Dropout Voltage Typically 350 mV at 1 A
•
Ultra-Low 85-mA Typical Quiescent Current
DESCRIPTION/ORDERING INFORMATION
The TPS767D301-EP dual-voltage regulator offers fast transient response, low dropout (LDO) voltages, and dual
outputs in a compact package and incorporates stability with 10-mF low-ESR output capacitors.
The TPS767D301-EP dual-voltage regulator is designed primarily for DSP applications. This device can be used
in any mixed-output voltage application, with each regulator supporting up to 1 A. Dual active-low reset (RESET)
signals allow resetting of core logic and I/O separately.
Table 1. ORDERING INFORMATION
REGULATOR 1
REGULATOR 2
TJ
TSSOP (PWP)
VO
VO
–55°C to 125°C
Adjustable (1.5 V to 5.5 V)
3.3 V
TPS767D301MPWPREP
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS767D301MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301MPWPREP TI2-TPS767D301MPWPREP Datasheet
921Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
REVISED APRIL 2010
TPS767D301MPWPREP.A TI2-TPS767D301MPWPREP.A Datasheet
921Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
REVISED APRIL 2010
More results

Similar Description - TPS767D301MPWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPPM0111 TI-TPPM0111 Datasheet
234Kb / 10P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
logo
Texas Instruments
TPPM0110 TI-TPPM0110 Datasheet
247Kb / 14P
DUAL LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
logo
Unisonic Technologies
LR6XXYY UTC-LR6XXYY Datasheet
169Kb / 4P
DUAL OUTPUT LOW ESR CAP. LOW-DROPOUT 600MA LINEAR REGULATOR
logo
Rohm
BD7003NUX-E2 ROHM-BD7003NUX-E2 Datasheet
639Kb / 14P
Dual, Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1952 AIC-AIC1952 Datasheet
314Kb / 13P
Dual Output Low ESR Cap. Low-Dropout 300mA Linear Regulator
logo
Texas Instruments
TPPM0111 TI-TPPM0111_15 Datasheet
430Kb / 17P
DUAL LOW - DROPOUT LINEAR REGULATOR
TPS767D301-EP TI-TPS767D301-EP_15 Datasheet
876Kb / 22P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com