Electronic Components Datasheet Search
  English  ▼

X  

TPS53313 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 4 Page - Texas Instruments

  TPS53313 Datasheet HTML 1Page - Texas Instruments TPS53313 Datasheet HTML 2Page - Texas Instruments TPS53313 Datasheet HTML 3Page - Texas Instruments TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
TPS53313
SLUSAS8
– DECEMBER 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VVIN = 12 V, PGND = GND (Unless otherwise noted (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
VVIN
VIN supply voltage
Nominal input voltage range
4.5
16.0
V
VPOR
VIN POR threshold
Ramp up; EN =HIGH
4.00
4.23
4.40
V
VPOR(hys)
VIN POR hysteresis
200
mV
ISTBY
Standby current
EN =LOW. VIN = 12 V
58
µA
RBOOT
Bootstrap on-resistance
10
Ω
REFERENCE
VVREF
Internal precision reference voltage
0.6
V
TOLVREF
VREF tolerance
–1%
1%
ERROR AMPLIFIER
UGBW(1)
Unity gain bandwidth
14
MHz
AOL
(1)
Open loop gain
80
dB
IFBINT
FB input leakage current
Sourced from FB pin
50
nA
IEA(max)
Output sinking and sourcing current
5
mA
SR(1)
Slew rate
5
V/
µs
ENABLE
RENPD
(1)
Enable pull-down resistor
800
k
Ω
VENH
EN logic high
VVIN = 4.5 V
1.8
V
VENHYS
EN hysteresis
VVIN = 4.5 V
0.6
V
VEN = 0 V
1
IEN
EN pin current
VEN = 3.3V
3.3
5.0
µA
VEN = 14 V
17.8
27.5
SOFT-START
tSS_1
Delay after EN asserts
EN = High
0.65
ms
0 V
≤ VSS ≤ 0.6 V, 39-kΩ or no resistor to
1
MODE/SS pin
0 V
≤ VSS ≤ 0.6 V, 20-kΩ or 160-kΩ resistor to
tSS_2
Soft start ramp_up time
3
ms
MODE/SS pin
0 V
≤ VSS ≤ 0.6 V, 10-kΩ or 82-kΩ resistor to
6
MODE/SS pin
VSS = 0.6 V to PGD (SSOK) going high,
tPGDENDLY
PGD startup delay time
0.2
ms
tSS = 1 ms
RAMP
4.5 V
≤ VVIN ≤ 14.4 V
VVIN/9
V
Ramp amplitude
14.4 V
≤ VVIN ≤ 16 V
1.6
PWM
tMIN(off)
Minimum OFF-time
fSW = 1 MHz
150
ns
tMIN(on)
Minimum ON-time
No load
90
ns
DMAX
Maximum duty cycle
fSW = 1 MHz
80%
SWITCHING FREQUENCY
fSW
Switching frequency tolerance
fSW = 1 MHz, RT = 45.3 kΩ
–10%
10%
SOFT DISCHARGE
RSFTDIS
Soft-discharge transistor resistance
EN = Low, VIN = 4.5 V, VOUT = 0.6 V
120
Ω
(1)
Ensured by design. Not production tested.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com