Electronic Components Datasheet Search
  English  ▼

X  

TPS53313 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments TPS53313 Datasheet HTML 10Page - Texas Instruments TPS53313 Datasheet HTML 11Page - Texas Instruments TPS53313 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
0
2
4
6
8
10
12
14
16
200
400
600
800
1000
1200
1400
1600
Switching Frequency (kHz)
Sourcing Current
Sinking Current
No Load
G001
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Load Current (A)
TA = –40°C
TA = 25°C
TA = 85°C
VIN = 12 V
VOUT = 1.2 V
G002
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Load Current (A)
TA = –40°C
TA = 25°C
TA = 85°C
VIN = 5 V
VOUT = 1.2 V
G002
40
50
60
70
80
90
100
0
1
2
3
4
5
6
Load Current (A)
TA = –40°C
TA = 25°C
TA = 85°C
VIN = 14 V
VOUT = 1.2 V
G002
0
200
400
600
800
1000
1200
1400
1600
25
50
75
100
125
150
175
200
225
250
Timing Resistance (k
Ω)
G005
78
79
80
81
82
83
84
85
86
87
88
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
With Respect to VSEN
G006
TPS53313
SLUSAS8
– DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1. Ensured Minimum Duty Ratio
Figure 2. Efficiency, VIN = 12 V
Figure 3. Efficiency, VIN = 5 V
Figure 4. Efficiency, VIN = 14 V
Figure 5. Switching Frequency vs. Timing Resistance (RT)
Figure 6. PGOOD Lower Threshold vs. Junction
Temperature
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com