Electronic Components Datasheet Search
  English  ▼

X  

TPS53313 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 5 Page - Texas Instruments

  TPS53313 Datasheet HTML 1Page - Texas Instruments TPS53313 Datasheet HTML 2Page - Texas Instruments TPS53313 Datasheet HTML 3Page - Texas Instruments TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TPS53313
www.ti.com
SLUSAS8
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VVIN = 12 V, PGND = GND (Unless otherwise noted (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OVERCURRENT AND ZERO CROSSING
When IOUT exceeds this threshold for 4
consecutive cycles, 2.2-nF capacitor to
4.5
A
MODE/SS pin
When IOUT exceeds this threshold for 4
Overcurrent limit on high-side FET
IOCPL
consecutive cycles, no capacitor to MODE/SS
6
A
(peak)
pin
When IOUT exceeds this threshold for 4
consecutive cycles, 10-nF capacitor to
9
MODE/SS pin
Immediately shut down when sensed current
reach this value, 2.2-nF capacitor to MODE/SS
4.5
A
pin
One time overcurrent shut-off on
Immediately shut down when sensed current
IOCPH
6
A
the low-side FET (peak)
reach this value, no capacitor to MODE/SS pin
Immediately shut down when sensed current
reach this value, 10-nF capacitor to MODE/SS
9
pin
Zero crossing comparator internal
VZXOFF
SW
– PGND, SKIP mode
–3
mV
offset
POWER GOOD
VPGDL
Power good low threshold
Measured at the FB pin w/r/t VREF
80%
83%
86%
VPGDH
Power good high threshold
Measured at the FB pin w/r/t VREF
114%
117%
120%
VPG(hys)
Power good hysteresis
2
Minimum Vin voltage for valid PG at Measured at VIN with 1-mA (or 2-mA) sink
VIN(min_pg)
1
V
startup.
current on PG pin at startup
VPG(pd)
Power good pull-down voltage
Pull down voltage with 4-mA sink current
0.2
0.4
V
IPG(leak)
Power good leakage current
Hi-Z leakage current, apply 3.3-V in off state
12.0
16.2
µA
OUTPUT OVERVOLTAGE AND UNDERVOLTAGE PROTECTION
TOVPDLY
Overvoltage protection delay time
Time from FB out of +17% of VREF to OVP fault
2
µs
TUVPDLY
Undervoltage protection delay time
Time from FB out of -17% of VREF to UVP fault
10
µs
THERMAL SHUTDOWN
THSD(2)
Thermal shutdown
Shut-down controller, attempt soft-stop
130
140
150
°C
THSDHYST
(2
Thermal shutdown hysteresis
Controller re-starts after temperature drops
40
°C
)
(2)
Ensured by design. Not production tested.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com