Electronic Components Datasheet Search
  English  ▼

X  

TPS53313 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS53313 Datasheet HTML 12Page - Texas Instruments TPS53313 Datasheet HTML 13Page - Texas Instruments TPS53313 Datasheet HTML 14Page - Texas Instruments TPS53313 Datasheet HTML 15Page - Texas Instruments TPS53313 Datasheet HTML 16Page - Texas Instruments TPS53313 Datasheet HTML 17Page - Texas Instruments TPS53313 Datasheet HTML 18Page - Texas Instruments TPS53313 Datasheet HTML 19Page - Texas Instruments TPS53313 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
R3
R1
C1
R2
R4
C2
C3
+
COMP
VREF
UGD-11238
UDG-11237
Frequency
fZ1
fZ2
fP2
fP3
P1
f
0
=
P2
1
f
2
R3 C1
=
´ p ´
´
P3
1
1
f
C2 C3
2
R4 C3
2
R4
C2
C3
=
@
´
´ p ´
´
æ
ö
´ p ´
´ ç
÷
+
è
ø
TPS53313
SLUSAS8
– DECEMBER 2011
www.ti.com
Figure 15. Type III Compensation Network
Figure 16. Type III Compensation Network
Schematic
Waveform
(18)
(19)
(20)
The two zeros can be placed near the double pole frequency to cancel the response from the double pole. One
pole can be used to cancel ESR zero, and the other non-zero pole can be placed at half switching frequency to
attenuate the high frequency noise and switching ripple. Suitable values can be selected to achieve a
compromise between high phase margin and fast response. A phase margin higher than 45
° is required for
stable operation.
For DCM operation, a capacitor with a value between 100 pF and 220 pF is recommended for C3 when the
output capacitance is between 22
µF and 220 µF.
LAYOUT CONSIDERATIONS
Good layout is essential for stable power supply operation. Follow these guidelines for an efficient PCB layout:
•
Separate the power ground and analog ground planes. Connect them together at one location.
•
Use 4 vias to connect the thermal pad to power ground.
•
Place VIN, BP7 and BP3 decoupling capacitors as close to the device as possible.
•
Use wide traces for VIN, PGND and SW. These nodes carry high-current and also serve as heat sinks.
•
Place feedback and compensation components as close to the device as possible.
•
Keep analog signals (FB, COMP) away from noisy signals (SW, VBST).
16
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com