Electronic Components Datasheet Search
  English  ▼

X  

TPS53313 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53313
Description  6-A Step-Down Regulator with Integrated Switcher
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53313 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS53313 Datasheet HTML 2Page - Texas Instruments TPS53313 Datasheet HTML 3Page - Texas Instruments TPS53313 Datasheet HTML 4Page - Texas Instruments TPS53313 Datasheet HTML 5Page - Texas Instruments TPS53313 Datasheet HTML 6Page - Texas Instruments TPS53313 Datasheet HTML 7Page - Texas Instruments TPS53313 Datasheet HTML 8Page - Texas Instruments TPS53313 Datasheet HTML 9Page - Texas Instruments TPS53313 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TPS53313
FB
COMP
PGND
PGND
MODE/SS
BP3
AGND
RT/SYNC
PGND
PGND
PGND
PGND
2
4
5
6
7
8
9
10
11
1
12
13
14
15
16
17
18
24
23
22
21
19
20
Exposed Pad
TPS53313
SLUSAS8
– DECEMBER 2011
www.ti.com
DEVICE INFORMATION
RGE (QFN) PACKAGE
24 PINS
(BOTTOM VIEW)
PIN DESCRIPTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
20
G
Device analog ground terminal
BP3
19
P
Input bias supply for analog functions
BP7
18
P
Bias for internal circuitry and driver
COMP
23
O
Error amplifier compensation terminal. Type III compensation method is generally recommended for stability.
EN
1
I
Enable pin.
FB
24
I
Voltage feedback pin. Use for OVP, UVP and power good determination
PG
2
O
Power good output flag. Open drain output. Pull up to an external rail via a resistor
7
8
9
PGND
P
Device power ground terminal
10
11
12
Mode configuration pin. Connect with a resistor to GND sets different modes and soft-start time, parallel a
capacitor (or no capacitor) with the resistor changes the current limit threshold. See Table 1 and Table 2 for
MODE/SS
22
I
resistor and capacitor settings. (shorting MODE/SS pin to supply inhibits the device. Shorting MODE/SS pin
to AGND is equivalent to 10-k
Ω resistor setting—not recommended)
RT/SYNC
21
I/O
Synchronized to external clock. Program the switching frequency by connecting with a resistor to GND.
13
14
SW
O
Output inductor connection to integrated power devices
15
16
VBST
4
P
Supply input for high-side MOSFET (bootstrap terminal). Connect capacitor from this pin to SW terminal
3
4
VIN
P
Gate driver supply and power conversion voltage.
5
6
(1)
I
– Input; B – Bidirectional; O – Output; G – Ground; P – Supply (or Ground)
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS53313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com