Electronic Components Datasheet Search
  English  ▼

X  

SST48CF064 Datasheet(PDF) 22 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 22 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 26Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
22
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.13 True IDE Mode I/O Output (Write) Timing Specification
Note: The maximum load on -IOIS16 is 1 LSTTL with 50pF total load.
All AC specifications are guaranteed by design.
FIGURE
2-8: True IDE Mode I/O Write Timing Diagram
TABLE
2-10: TRUE IDE MODE I/O WRITE TIMING
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds.
Max1
Data Setup before IOWR
tsu(IOWR)
tDVIWH
20
Data Hold following IOWR
th(IOWR)
tlWHDX
10
IOWR Width Time
tw(IOWR)
tlWLIWH
70
Address Setup before IOWR
tsuA(IOWR)
tAVIWL
25
Address Hold following IOWR
thA(IOWR)
tlWHAX
10
CE Setup before IOWR
tsuCE(IOWR)
tELIWL
10
CE Hold following IOWR
thCE(IOWR)
tlWHEH
5
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
20
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
20
T2-10.2 375
375 ILL2-8.0
-CE
tdrIOIS16(ADR)
tdfIOIS16(ADR)
thA(IOWR)
thCE(IOWR)
th(IOWR)
tsu(IOWR)
Din Valid
tsuA(IOWR)
tsuCE(IOWR)
tw(IOWR)
An
-IORD
-IOIS16
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com