Electronic Components Datasheet Search
  English  ▼

X  

SST48CF064 Datasheet(PDF) 16 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 16 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 20Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
16
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.3.7 Configuration Register (Attribute Memory) Write Timing specification
The Card Configuration write access time is defined as 100 ns. Detailed timing specifications are shown in Table 2-4.
FIGURE
2-2: CONFIGURATION REGISTER (ATTRIBUTE MEMORY) WRITE TIMING DIAGRAM
TABLE
2-4: CONFIGURATION REGISTER (ATTRIBUTE MEMORY) WRITE TIMING
Speed Version
100 ns
Item
Symbol
IEEE Symbol
Min1
1. All times are in nanoseconds. DIN signifies data provided by the system to the CompactFlash card.
All AC specifications are guaranteed by design.
Max1
Write Cycle Time
tc(W)
tAVAV
100
Write Pulse Width
tw(WE)
tWLWH
60
Address Setup Time
tsu(A)
tAVWL
10
Write Recovery Time
trec(WE)
tWMAX
15
Data Setup Time for WE
tsu(D-WEH)
tDVWH
40
Data Hold Time
th(D)
tWMDX
15
T2-4.1 375
375 ILL2-2.0
-Reg
Din Valid
tsu(D-WEH)
tw(WE)
tsu(A)
trec(WE)
tc(W)
th(D)
An
-WE
-CE
-OE
Din



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com