Electronic Components Datasheet Search
  English  ▼

X  

SST48CF064 Datasheet(PDF) 31 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 31 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 35Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
31
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
3.1.2 Contiguous I/O Mapped Addressing
When the system decodes a contiguous block of I/O registers to select the CompactFlash card, the registers are
accessed in the block of I/O space decoded by the system as follows:
Note: Address lines which are not indicated are ignored by the CompactFlash card for accessing all the registers in this table.
TABLE
3-3: CONTIGUOUS I/O DECODING
-REG
A3
A2
A1
A0
Offset
-IORD=0
-IOWR=0
Notes
0
0000
0
Even RD Data
Even WR Data
1
1. Register 0 is accessed with -CE1 low and -CE2 low (and A0 = Don’t Care) as a word register on the combined Odd Data Bus and
Even Data Bus (D15-D0). This register may also be accessed by a pair of byte accesses to the offset 0 with -CE1 low and -CE2 high.
Note that the address space of this word register overlaps the address space of the Error and Feature byte-wide registers that lie at
offset 1. When accessed twice as byte register with -CE1 low, the first byte to be accessed is the Even Byte of the word and the sec-
ond byte accessed is the Odd Byte of the equivalent word access. A byte access to register 0 with -CE1 high and -CE2 low accesses
the error (read) or feature (write) register.
0
0001
1
Error
Features
2
2. Registers at offset 8, 9, and D are non-overlapping duplicates of the registers at offset 0 and 1.
Register 8 is equivalent to register 0, while register 9 accesses the Odd Byte. Therefore, if the registers are byte accessed in the
order 9 then 8 the data will be transferred Odd Byte then Even Byte.
Repeated byte accesses to register 8 or 0 will access consecutive (Even then Odd) Bytes from the data buffer. Repeated word
accesses to register 8, 9, or 0 will access consecutive words from the data buffer. Repeated byte accesses to register 9 are not sup-
ported. However, repeated alternating byte accesses to registers 8 then 9 will access consecutive (Even then Odd) Bytes from the
data buffer. Byte accesses to register 9 access only the Odd Byte of the data.
0
0010
2
Sector Count
Sector Count
0
0011
3
Sector No.
Sector No.
0
0100
4
Cylinder Low
Cylinder Low
0
0101
5
Cylinder High
Cylinder High
0
0110
6
Select Card/Head
Select Card/Head
0
0111
7
Status
Command
0
1000
8
Dup. Even RD Data
Dup. Even WR Data
2
0
1001
9
Dup. Odd RD Data
Dup. Odd WR Data
2
0
1101
D
Dup. Error
Dup. Features
2
0
1110
E
Alt Status
Device Ctl
0
1111
F
Drive Address
Reserved
T3-3.0 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com