| Electronic Components Datasheet Search |
|
SST48CF064 Datasheet(PDF) 42 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST48CF064 Datasheet(HTML) 42 Page - Silicon Storage Technology, Inc |
|
42 / 60 page ![]() 42 Data Sheet CompactFlash Card SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256 ©2001 Silicon Storage Technology, Inc. S71125-03-000 9/01 375 3.2.1.5.1 General Configuration This field informs the host that this is a non-magnetic, hard sectored, removable storage device with a transfer rate greater than 10 MByte/sec and is not MFM encoded. 3.2.1.5.2 Default Number of Cylinders This field contains the number of translated cylinders in the default translation mode. This value will be the same as the number of cylinders. 3.2.1.5.3 Default Number of Heads This field contains the number of translated heads in the default translation mode. 3.2.1.5.4 Number of Unformatted Bytes per Track This field contains the number of unformatted bytes per translated track in the default translation mode. 3.2.1.5.5 Number of Unformatted Bytes per Sector This field contains the number of unformatted bytes per sector in the default translation mode. 3.2.1.5.6 Default Number of Sectors per Track This field contains the number of sectors per track in the default translation mode. 3.2.1.5.7 Number of Sectors per Card This field contains the number of sectors per CompactFlash card. This double word value is also the first invalid address in LBA translation mode. 3.2.1.5.8 Memory Card Serial Number The contents of this field are right justified and padded with spaces (20H). 3.2.1.5.9 Buffer Type This field defines the buffer capability: 0002H: a dual ported multi-sector buffer capable of simultaneous data transfers to or from the host and the CompactFlash card. 3.2.1.5.10 Buffer Size This field defines the buffer capacity in 512 Byte increments. SST’s CompactFlash card has up to 8 sector data buffer for host interface. 3.2.1.5.11 ECC Count This field defines the number of ECC bytes used on each sector in the Read and Write Long commands. 3.2.1.5.12 Firmware Revision This field contains the revision of the firmware for this product. 3.2.1.5.13 Model Number This field contains the model number for this product and is left justified and padded with spaces (20H). 3.2.1.5.14 Read/Write Multiple Sector Count This field contains the maximum number of sectors that can be read or written per interrupt using the Read Multiple or Write Multiple commands. SST’s CompactFlash card can support up to 2 sectors for Read Multiple or Write Multiple Commands. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |