Electronic Components Datasheet Search
  English  ▼

X  

SST48CF064 Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST48CF064
Description  CompactFlash Card
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST48CF064 Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST48CF064 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST48CF064 Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
Data Sheet
CompactFlash Card
SST48CF008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192 / 256
29
©2001 Silicon Storage Technology, Inc.
S71125-03-000
9/01
375
2.7 True IDE Mode I/O Transfer Function
2.7.1 True IDE Mode I/O Function
The CompactFlash card can be configured in a True IDE Mode of operation. The CompactFlash card is configured
in this mode only when the -OE input signal is grounded by the host during the power off to power on cycle. In this
True IDE Mode the PCMCIA protocol and configuration are disabled and only I/O operations to the Task File and
Data Register are allowed. In this mode no Memory or Attribute Registers are accessible to the host. Compact-
Flash cards permit 8 bit data accesses if the user issues a Set Feature Command to put the device in 8 bit Mode.
Note: Removing and reinserting the CompactFlash card while the host computer’s power is on will reconfigure the
CompactFlash to PC Card ATA mode from the original True IDE Mode. To configure the CompactFlash card
in True IDE Mode, the 50-pin socket must be power cycled with the CompactFlash card inserted and -OE
(output enable) asserted.
Table 2-18 defines the function of the operations for the True IDE Mode.
TABLE
2-18: TRUE IDE MODE I/O FUNCTION
Function Code
-CE2
-CE1
A0-A2
-IORD
-IOWR
D15-D8
D7-D0
Invalid Mode
VIL
VIL
X
X
X
High Z
High Z
Standby Mode
VIH
VIH
X
X
X
High Z
High Z
Task File Write
VIH
VIL
1-7H
VIH
VIL
Don’t Care
Data In
Task File Read
VIH
VIL
1-7H
VIL
VIH
High Z
Data Out
Data Register Write
VIH
VIL
0
VIH
VIL
Odd Byte In
Even Byte In
Data Register Read
VIH
VIL
0
VIL
VIH
Odd Byte Out
Even Byte Out
Control Register Write
VIL
VIH
6H
VIH
VIL
Don’t Care
Control In
Alt Status Read
VIL
VIH
6H
VIL
VIH
High Z
Status Out
Drive Address
VIL
VIH
7H
VIL
VIH
High Z
Data Out
T2-18.0 375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com