Electronic Components Datasheet Search
  English  ▼

X  

ACX704 Datasheet(PDF) 13 Page - Sony Corporation

Part # ACX704
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704 Datasheet(HTML) 13 Page - Sony Corporation

Back Button ACX704 Datasheet HTML 9Page - Sony Corporation ACX704 Datasheet HTML 10Page - Sony Corporation ACX704 Datasheet HTML 11Page - Sony Corporation ACX704 Datasheet HTML 12Page - Sony Corporation ACX704 Datasheet HTML 13Page - Sony Corporation ACX704 Datasheet HTML 14Page - Sony Corporation ACX704 Datasheet HTML 15Page - Sony Corporation ACX704 Datasheet HTML 16Page - Sony Corporation ACX704 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
– 13 –
ACX704AKM
Item
Symbol
Waveform
Conditions
VST pulse rise time
trvst
VST pulse fall time
tfvst
trvst
90%
100%
10%
0%
VST, XVST
tfvst
VCK pulse rise time
trvck
VCK pulse fall time
tfvck
trvck
90%
100%
10%
0%
VCK, XVCK
tfvck
ENB pulse rise time
trenb
ENB pulse fall time
tfenb
trenb
90%
100%
10%
0%
ENB, XENB
tfenb
HCK duty
Dhck
thckh
Dhck = thck/(thckh + thckl)
× 100%
thckl
50%
50%
50%
HCKn,
XHCKn
Cross-point time lag
tdcross
50%
50%
50%
50%
50%
50%
50%
50%
tdcross = Maximum (tdc1, tdc2, tdc3, tdc4, tdc5, tdc6)
HCKn
XHCKn
HSTn
XHSTn
tdc5
tdc3
tdc1
tdc2
tdc6
tdc4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com