Electronic Components Datasheet Search
  English  ▼

X  

ACX704 Datasheet(PDF) 21 Page - Sony Corporation

Part # ACX704
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704 Datasheet(HTML) 21 Page - Sony Corporation

Back Button ACX704 Datasheet HTML 17Page - Sony Corporation ACX704 Datasheet HTML 18Page - Sony Corporation ACX704 Datasheet HTML 19Page - Sony Corporation ACX704 Datasheet HTML 20Page - Sony Corporation ACX704 Datasheet HTML 21Page - Sony Corporation ACX704 Datasheet HTML 22Page - Sony Corporation ACX704 Datasheet HTML 23Page - Sony Corporation ACX704 Datasheet HTML 24Page - Sony Corporation ACX704 Datasheet HTML 25Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
– 21 –
ACX704AKM
Color Coding
The color filters are coded in vertical stripe arrangement. The shaded area is used for the dark border around
the display.
FPC
240
1
1
Front view
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
BBBB
GGGG
RRRR
Active area
1
× RGB
320
× RGB
1
× RGB
••••••
••••••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com