Electronic Components Datasheet Search
  English  ▼

X  

ACX704 Datasheet(PDF) 4 Page - Sony Corporation

Part # ACX704
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704 Datasheet(HTML) 4 Page - Sony Corporation

  ACX704 Datasheet HTML 1Page - Sony Corporation ACX704 Datasheet HTML 2Page - Sony Corporation ACX704 Datasheet HTML 3Page - Sony Corporation ACX704 Datasheet HTML 4Page - Sony Corporation ACX704 Datasheet HTML 5Page - Sony Corporation ACX704 Datasheet HTML 6Page - Sony Corporation ACX704 Datasheet HTML 7Page - Sony Corporation ACX704 Datasheet HTML 8Page - Sony Corporation ACX704 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
– 4 –
ACX704AKM
Pin Description of Panel Block
Pin No.
Symbol
Description
Comment
Pin No.
Symbol
Description
Comment
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
TEST4
TEST5
TEST3
R31
R21
R11
R01
G31
G21
G11
G01
B31
B21
B11
B01
XR31
XR21
XR11
XR01
XG31
XG21
XG11
XG01
XB31
XB21
XB11
XB01
VCOM
VVDD
VVSS1
VVSS2
VST
XVST
ENB
XENB
VCK
XVCK
TEST1
TEST2
RESET
HVDD
HVSS1
HVSS2
HCK1
XHCK1
HCK2
XHCK2
HST1
XHST1
HST2
XHST2
OE1
XOE1
OE2
XOE2
V0
V1
V2
V3
V4
V5
V6
V7
V8
XB02
XB12
XB22
XB32
XG02
XG12
Test input
Test input
Test output
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Data input
Common voltage
Power supply
GND
Power supply
Pulse input
Pulse input
Pulse input
Pulse input
No connection
No connection
Connected to R/C
Connected to 0V
Connected to 3.3V
No connection
Pulse input
Pulse input
Test output
Test output
Power-on reset
Power supply
GND
Power supply
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Pulse input
Reference voltage
Reference voltage
Reference voltage
Reference Voltage
Reference voltage
Reference voltage
Reference voltage
Reference voltage
Reference voltage
Data input
Data input
Data input
Data input
Data input
Data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com