Electronic Components Datasheet Search
  English  ▼

X  

ACX704 Datasheet(PDF) 11 Page - Sony Corporation

Part # ACX704
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ACX704 Datasheet HTML 7Page - Sony Corporation ACX704 Datasheet HTML 8Page - Sony Corporation ACX704 Datasheet HTML 9Page - Sony Corporation ACX704 Datasheet HTML 10Page - Sony Corporation ACX704 Datasheet HTML 11Page - Sony Corporation ACX704 Datasheet HTML 12Page - Sony Corporation ACX704 Datasheet HTML 13Page - Sony Corporation ACX704 Datasheet HTML 14Page - Sony Corporation ACX704 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
– 11 –
ACX704AKM
∗1 Connect the resistor and capacitor to the RESET pin as shown in the figure below.
RESET
ACX704AKM
The external C and R value differs according to the rising time
of the panel supply voltage.
Set a C value that satisfies treset > 1ms.
HVDD
HVDD
HVDD
RESET
treset
Time
HVDD, VVDD
HVDD-RESET
VVDD-RESET
5V
C
R
∗2 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02,
HST1, XHST1, HST2, XHST2, HCK1, XHCK1, HCK2, XHCK2, OE1, XOE1, OE2, XOE2,
VST, XVST, VCK, XVCK, ENB, XENB, TEST4, TEST5, TEST6, TEST7
∗3 Common voltage center VcomC should be adjusted so as to minimize flicker or maximum contrast every
each module.
∗4 This is applied to the following pins.
V0, V1, V2, V3, V4, V5, V6, V7, V8
∗5 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02
∗6 This is applied to the following pins.
HCK1, XHCK1, HCK2, XHCK2
∗7 This is applied to the following pins.
HST1, XHST1, HST2, XHST2, HCK1, XHCK1, HCK2, XHCK2
∗8 This is applied to the following pins.
R31, R21, R11, R01, G31, G21, G11, G01, B31, B21, B11, B01, XR31, XR21, XR11, XR01, XG31, XG21,
XG11, XG01, XB31, XB21, XB11, XB01,
R32, R22, R12, R02, G32, G22, G12, G02, B32, B22, B12, B02, XR32, XR22, XR12, XR02, XG32, XG22,
XG12, XG02, XB32, XB22, XB12, XB02,
HCK1, XHCK1, HCK2, XHCK2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com