Electronic Components Datasheet Search
  English  ▼

X  

ACX704 Datasheet(PDF) 1 Page - Sony Corporation

Part # ACX704
Description  9.60cm (3.78 Type) QVGA Reflective Color LCD Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX704 Datasheet(HTML) 1 Page - Sony Corporation

  ACX704 Datasheet HTML 1Page - Sony Corporation ACX704 Datasheet HTML 2Page - Sony Corporation ACX704 Datasheet HTML 3Page - Sony Corporation ACX704 Datasheet HTML 4Page - Sony Corporation ACX704 Datasheet HTML 5Page - Sony Corporation ACX704 Datasheet HTML 6Page - Sony Corporation ACX704 Datasheet HTML 7Page - Sony Corporation ACX704 Datasheet HTML 8Page - Sony Corporation ACX704 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ACX704AKM
9.60cm (3.78 Type) QVGA Reflective Color LCD Module
Description
The ACX704AKM is a 9.60cm diagonal, QVGA
formatted active matrix reflective color TFT-LCD with
a high performance front light unit. This panel
provides ultra-high reflectivity (30% typ.) with high
contrast ratio (25:1 typ.). These characteristics are
realized by a newly developed reflective electrode
structure. In addition, this panel provides low power
consumption (20mW typ.) which is realized by built-
in 4-bit digital interface circuitry addressed by low
temperature polycrystalline silicon transistors.
Features
• Number of dots:
320
× RGB × 240
• Dot size:
80µm
× 240µm
• High reflectivity:
30% (typ.)
• High contrast ratio: 25:1 (typ.)
• Number of colors: 4096
• Low power consumption: 20mW (typ.)
• Built-in 4-bit digital interface circuitry
• Compact size
• Thin and bright front light unit
Element Structure
• Active matrix TFT-LCD panel with built-in peripheral driving circuitry using low temperature polycrystalline
silicon transistors
• Number of dots
Total number of dots:
322
× 3 (H) × 242 (V) = 233,772
Number of active dots:
320
× 3 (H) × 240 (V) = 230,400
• Dimensions
Module dimensions:
96.8 (W)
× 73.0 (D) × 3.96 (H) (mm)
Effective display dimensions: 76.800 (H)
× 57.600 (V) (mm)
Applications
PDA, etc.
– 1 –
E00813
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.


Similar Part No. - ACX704

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
ACX7020 JUNIPER-ACX7020 Datasheet
527Kb / 4P
ACX7020 CLOUD METRO ROUTERS
ACX7020-AC JUNIPER-ACX7020-AC Datasheet
527Kb / 4P
ACX7020 CLOUD METRO ROUTERS
ACX7020-AC-C JUNIPER-ACX7020-AC-C Datasheet
527Kb / 4P
ACX7020 CLOUD METRO ROUTERS
ACX7020-DC JUNIPER-ACX7020-DC Datasheet
527Kb / 4P
ACX7020 CLOUD METRO ROUTERS
ACX7020-DC-C JUNIPER-ACX7020-DC-C Datasheet
527Kb / 4P
ACX7020 CLOUD METRO ROUTERS
More results

Similar Description - ACX704

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX705AKM SONY-ACX705AKM Datasheet
143Kb / 20P
6.92cm Diagonal Reflective Color LCD Module
ACX709AKM SONY-ACX709AKM Datasheet
256Kb / 29P
7.60cm Reflective Color LCD Module
ACX709AKN SONY-ACX709AKN Datasheet
207Kb / 29P
7.60cm Reflective Color LCD Module
logo
Sharp Corporation
LM057QC1T01 SHARP-LM057QC1T01 Datasheet
1Mb / 21P
NEGATIVE MATRIX TYPE COLOR LCD MODULE
logo
List of Unclassifed Man...
ACX706AKM ETC1-ACX706AKM Datasheet
53Kb / 2P
Portrait-type 8.9 cm (3.5-type) QVGA Reflective Color LCD Module with Built-in Touch Panel and 4-bit D/A Converter
logo
Toshiba Semiconductor
LTA050B352A TOSHIBA-LTA050B352A Datasheet
41Kb / 1P
5.0 TYPE COLOR TFT-LCD MODULE
logo
Hantronix,Inc
HDA350-2G HANTRONIX-HDA350-2G Datasheet
454Kb / 19P
QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA350T-3S HANTRONIX-HDA350T-3S Datasheet
1Mb / 15P
QVGA, TFT COLOR GRAPHICS LCD DISPLAY MODULE
HDA570C-G HANTRONIX-HDA570C-G Datasheet
1Mb / 22P
5.7?? TFT QVGA COLOR LCD DISPLAY MODULE (With Controller)
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
5.7 TFT QVGA COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com