Electronic Components Datasheet Search
  English  ▼

X  

CXA2002 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 2 Page - Sony Corporation

  CXA2002 Datasheet HTML 1Page - Sony Corporation CXA2002 Datasheet HTML 2Page - Sony Corporation CXA2002 Datasheet HTML 3Page - Sony Corporation CXA2002 Datasheet HTML 4Page - Sony Corporation CXA2002 Datasheet HTML 5Page - Sony Corporation CXA2002 Datasheet HTML 6Page - Sony Corporation CXA2002 Datasheet HTML 7Page - Sony Corporation CXA2002 Datasheet HTML 8Page - Sony Corporation CXA2002 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
CXA2002R
– 2 –
Block Diagram
HEAD
REC
V/I
RAMP
GEN
15dB
40dB
VPSW1
VPSW2
PCM
VIDEO
YGCA
1
1
1
1
1
1
2
CGCA
LOWGCA
LOWGCA
RF
AGC
AGCDET
DOCDET
M · T
–6dB
12dB
MUTE
2CH
1CH
MUTE
2CH
1CH
PCMSW
VIDEOSW
REC
HEAD
40dB
15dB
V/I
RAMP
GEN
40
39
38
37
41
42
43
44
45
46
47
48
2
3
4
5
6
7
8
9
10
11
12
1
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
36
35
34
31
32
33
CCONT
AFMIN
AFREC
CIN
LOWLEVEL
YIN
YLEVEL
RFAGCOUT
RFAGCTC
RFAGCIN
DOCDET
DOP
VCC2
REC2CONT
REC2OUT
PB2IN
PBDUMP2
PBDUMP1
GND1
PB1IN
REC1OUT
REC1CONT
VCC1
GND2
PCM
VIDEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com