Electronic Components Datasheet Search
  English  ▼

X  

CXA2002 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA2002 Datasheet HTML 4Page - Sony Corporation CXA2002 Datasheet HTML 5Page - Sony Corporation CXA2002 Datasheet HTML 6Page - Sony Corporation CXA2002 Datasheet HTML 7Page - Sony Corporation CXA2002 Datasheet HTML 8Page - Sony Corporation CXA2002 Datasheet HTML 9Page - Sony Corporation CXA2002 Datasheet HTML 10Page - Sony Corporation CXA2002 Datasheet HTML 11Page - Sony Corporation CXA2002 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
CXA2002R
– 8 –
23
RAMPCONT
—
Ramp pulse rising slope
switchover pin.
Low: 32µA/µs 0.6V or below
High: 17µA/µs 2.3V or above
(The fall time is 32µA/µs in
both cases.)
25
VCC1
4.75
Power supply pin for CH1 REC
amplifier and PB amplifier.
24
MTQ
—
EVR adjusting pin to
determine middle-tune Q.
Increasing the applied
voltage increases Q.
26
REC1CONT
—
EVR adjusting pin for the CH1
recording dumping level.
Reducing the applied voltage
strengthens dumping.
27
REC1OUT
—
CH1 recording output pin.
Open collector.
143
35µ
35µ
35µ
1.5V
23
143
50k
10k
25k
15k
7k
7k
24
26
143
270
71k
34k
66k
27
30
1k
12k
5.7k
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com