Electronic Components Datasheet Search
  English  ▼

X  

CXA2002 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2002 Datasheet HTML 6Page - Sony Corporation CXA2002 Datasheet HTML 7Page - Sony Corporation CXA2002 Datasheet HTML 8Page - Sony Corporation CXA2002 Datasheet HTML 9Page - Sony Corporation CXA2002 Datasheet HTML 10Page - Sony Corporation CXA2002 Datasheet HTML 11Page - Sony Corporation CXA2002 Datasheet HTML 12Page - Sony Corporation CXA2002 Datasheet HTML 13Page - Sony Corporation CXA2002 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
CXA2002R
– 10 –
33
PB2IN
0.7
CH2 playback input pin.
36
VCC2
4.75
Power supply pin for CH2 REC
amplifier and PB amplifier.
34
REC2OUT
—
CH2 recording output pin.
Open collector.
35
REC2CONT
—
EVR adjusting pin for the
CH2 recording dumping.
Reducing the applied voltage
strengthens dumping.
37
VPPCMIN
2.45
VPSW input pin for recording
PCM path.
The Pin 38 signal is input
after cutting its DC
component with external C.
1.2m
2.5k
1.5V
33
34
143
270
71k
34k
66k
35
37
143
2.45V
50k
20µ
40µ
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com