Electronic Components Datasheet Search
  English  ▼

X  

CXA2002 Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 3 Page - Sony Corporation

  CXA2002 Datasheet HTML 1Page - Sony Corporation CXA2002 Datasheet HTML 2Page - Sony Corporation CXA2002 Datasheet HTML 3Page - Sony Corporation CXA2002 Datasheet HTML 4Page - Sony Corporation CXA2002 Datasheet HTML 5Page - Sony Corporation CXA2002 Datasheet HTML 6Page - Sony Corporation CXA2002 Datasheet HTML 7Page - Sony Corporation CXA2002 Datasheet HTML 8Page - Sony Corporation CXA2002 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
CXA2002R
– 3 –
Pin Description
1
CCONT
—
EVR adjusting pin for the
recording chroma level.
Increasing the applied voltage
reduces the gain.
2
AFMIN
—
Input pin for recording AFM.
DC component is cut by
built-in C.
Input level: 125mVp-p (typ.)
3
AFREC
—
After-recording mode
switchover pin (High: After-
recording)
H: 2.3V or above
L: 0.6V or below
4
CIN
2.45
Recording chroma input pin.
Input after cutting DC
component with C.
Input level: 300mVp-p (typ.)
1
143
50k
10k
25k
15k
7k
7k
2
143
20p
70µ
50k
143
35µ
3
35µ
35µ
1.5V
143
2.45V
70µ
50k
4
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com