Electronic Components Datasheet Search
  English  ▼

X  

CXA2002 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA2002
Description  2-channel Recording/Playback Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2002 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA2002 Datasheet HTML 5Page - Sony Corporation CXA2002 Datasheet HTML 6Page - Sony Corporation CXA2002 Datasheet HTML 7Page - Sony Corporation CXA2002 Datasheet HTML 8Page - Sony Corporation CXA2002 Datasheet HTML 9Page - Sony Corporation CXA2002 Datasheet HTML 10Page - Sony Corporation CXA2002 Datasheet HTML 11Page - Sony Corporation CXA2002 Datasheet HTML 12Page - Sony Corporation CXA2002 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
CXA2002R
– 9 –
28
PB1IN
0.7
CH1 playback input pin.
29
GND1
0
GND pin for CH1 REC
amplifier and PB amplifier.
30
PBDUMP1
2.5
Pin to determine the dumping
of CH1 playback by external
resistance.
Increasing resistance
strengthens dumping.
31
PBDUMP2
2.5
Pin to determine the dumping
level of CH2 playback by
external resistance.
Increasing resistance
strengthens dumping.
32
GND2
0
GND pin for CH2 REC
amplifier and PB amplifier.
28
1.2m
2.5k
1.5V
270
30
120µ
4k
4k
130µ
270
120µ
4k
4k
130µ
31
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com