Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # BLF888
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 15Page - NXP Semiconductors BLF888 Datasheet HTML 16Page - NXP Semiconductors BLF888 Datasheet HTML 17Page - NXP Semiconductors BLF888 Datasheet HTML 18Page - NXP Semiconductors BLF888 Datasheet HTML 19Page - NXP Semiconductors BLF888 Datasheet HTML 20Page - NXP Semiconductors BLF888 Datasheet HTML 21Page - NXP Semiconductors BLF888 Datasheet HTML 22Page - NXP Semiconductors BLF888 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 130 page
background image
20
NXP Semiconductors RF Manual 16th edition
Product highlight:
BGA28xx-family of IF gain blocks
The BGA28xx IF gain blocks are silicon Monolitic Microwave
Integrated Circuit (MMIC) wideband amplifiers with internal
matching circuitry in a 6-pin SOT363 plastic SMD package.
Features
` No output inductor necessary when used at the output stage
` Internally matched to 50 Ω
` Reverse isolation > 30 dB up to 2 GHz
` Good linearity with low second- and third-order products
` Unconditionally stable (K > 1)
1.3.3 Satellite outdoor unit, twin low-noise block (LNB) with discrete components
Application diagram
horizontal
antenna
brb022
H low
IF out 1
low
3rd
stage
LNA
(4 x 2)
IF
SWITCH
oscillator
vertical
antenna
2nd
stage
LNA
1st
stage
LNA
3rd
stage
LNA
2nd
stage
LNA
1st
stage
LNA
BIAS IC
IF amplifier
IF
amplifier
IF out 2
IF
amplifier
V low
IF amplifier
H high
high
oscillator
IF amplifier
V high
IF amplifier
BIAS IC
mixer
mixer
mixer
mixer
Recommended products
Function
Product
Package
Type
2nd & 3rd
stage LNA
RF transistor
SiGe:C
transistor
SOT343F
BFU710F
BFU730F
Function
Product
Package
Type
Oscillator
RF bipolar
transistor
Wideband
transistor
SOT343
BFG424W
SOT343F
BFG424F
RF transistor
SiGe:C
transistor
SOT343F
BFU660F
BFU710F
BFU730F
Function
Product
Package
Type
IF switch
RF diode
PIN diode
Various
BAP64^
Various
BAP51^
Various
BAP1321^
Various
BAP50^
Various
BAP63^
Function
Product
Package
Type
1st stage
IF
amplifier
MMIC
IF gain block
SOT363
BGA2800
SOT363
BGA2801
SOT363
BGA2802
SOT363
BGA2803
SOT363
BGA2815
SOT363
BGA2816
SOT363
BGA2817
SOT363
BGA2818
SOT363
BGA2850
SOT363
BGA2851
SOT363
BGA2866
RF bipolar
transistor
Wideband
transistor
SOT343
BFG424W
SOT343F
BFG424F
^ Also available in ultra-small leadless package SOD882D
Function
Product
Package
Type
Output
stage IF
amplifier
MMIC
IF gain block
SOT363
BGA2800
SOT363
BGA2801
SOT363
BGA2815
SOT363
BGA2816
SOT363
BGA2818
SOT363
BGA2850
SOT363
BGA2865
SOT363
BGA2866
SOT363
BGA2867
SOT363
BGA2870
SOT363
BGA2874
SOT363
BGM1014
RF bipolar
transistor
Wideband
transistor
SOT343
BFG325
2nd stage LNA
RF transistor
SiGe:C
SOT343F
BFU710F
BFU730F
Function
Product
Package
Type
Mixer
RF transistor
SiGe:C
transistor
SOT343F
BFU710F
BFU730F
Looking for fully integrated mixer / oscillator / downconverter for universal single LNB?
See section 2.3.2 Complete satellite portfolio for all LNB architectures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com