Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # BLF888
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 11Page - NXP Semiconductors BLF888 Datasheet HTML 12Page - NXP Semiconductors BLF888 Datasheet HTML 13Page - NXP Semiconductors BLF888 Datasheet HTML 14Page - NXP Semiconductors BLF888 Datasheet HTML 15Page - NXP Semiconductors BLF888 Datasheet HTML 16Page - NXP Semiconductors BLF888 Datasheet HTML 17Page - NXP Semiconductors BLF888 Datasheet HTML 18Page - NXP Semiconductors BLF888 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 130 page
background image
16
NXP Semiconductors RF Manual 16th edition
1.2.2 CATV electrical (line extenders)
Application diagram
duplex
filter
duplex
filter
RF pre-
amplifier
RF power
amplifier
RF reverse
amplifier
coax in
coax out
bra505
Recommended products
Function
Product
Frequency
Gain (dB)
Type
RF
pre-amplifier
Push-pulls
550 MHz
33.5 - 35.5
BGY588C
750 MHz
33.2 - 35.2
BGE788C
18 - 19
BGY785A
21 - 22
BGY787
870 MHz
18 - 19
BGY885A
21 - 22
BGY887
33.5 - 34.5
BGY888
34.5 - 36.5
CGY888C
1003 MHz
18 - 19
BGY1085A
21 - 22.5
CGY1041
23 - 24.5
CGY1043
27 - 28.5
CGY1047
29 - 31
CGY1049
32 - 34
CGY1032
Function
Product
Frequency
Gain (dB)
Type
RF reverse
amplifier
Reverse
hybrids
5-75 MHz
29.2 - 30.8
BGY68
5-120 MHz
24.5 - 25.5
BGY66B
5-200 MHz
23.5 - 24.5
BGY67A
All available in SOT115 package
Function
Product
Frequency
Gain (dB)
Type
RF power
amplifier
Power
doublers
750 MHz
18.2 - 18.8
BGD712
18.2 - 18.8
BGD712C
20 - 20.6
BGD714
870 MHz
18.2 - 18.8
BGD812
19.7 - 20.3
BGD814
22 - 23
CGD942C
24 - 26
CGD944C
1003 MHz
22 - 24
CGD1042H
24 - 26
CGD1044H
19.5 - 22
CGD1040Hi
22 - 23.5
CGD1042Hi
23.5 - 25.5
CGD1044Hi
26 - 28
CGD1046Hi
22 - 24
CGD982HCi
23.5 - 25.5
CGD985HCi
26 - 28
CGD987HCi
Product highlight:
CGD1046Hi
Capable of supporting high output power, the CGD1046Hi is
primarily designed for use in fiber deep-optical-node applications
(N+1/2/3). This 1 GHz hybrid amplifier solution offers an extended
temperature range, high-power overstress capabilities in case of
surges, and high ESD levels. The result is a low cost of ownership,
with durability and superior ruggedness.
Features
` High output power
` High power gain for power doublers
` Extremely low noise
` Dark Green products
` GaAs HFET dies for high-end applications
` Rugged construction
` Superior levels of ESD protection
` Integrated ringwave protection
` Design optimized for digital channel loading
` Temperature-compensated gain response
` Optimized heat management
` Excellent temperature resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com