Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # BLF888
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 52Page - NXP Semiconductors BLF888 Datasheet HTML 53Page - NXP Semiconductors BLF888 Datasheet HTML 54Page - NXP Semiconductors BLF888 Datasheet HTML 55Page - NXP Semiconductors BLF888 Datasheet HTML 56Page - NXP Semiconductors BLF888 Datasheet HTML 57Page - NXP Semiconductors BLF888 Datasheet HTML 58Page - NXP Semiconductors BLF888 Datasheet HTML 59Page - NXP Semiconductors BLF888 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
57
NXP Semiconductors RF Manual 16th edition
Satellite outdoor unit, twin low noise block (LNB) with
integrated mixer/ oscillator/ downconverter
Fully integrated mixer / oscillator / downconverter
aaa-002896
LNA1
H
V
LNA2
3
LNA3
LNA3
LNA3
shared
crystal
LNA3
H/V
DETECT
BPF
TFF1014
SWITCHED TO
LOW-BAND
BPF
LNA1
LNA2
22 kHz
TONE
DETECT
TFF1014
SWITCHED TO
HIGH-BAND
IF out 1
IF out 2
` Single supply voltage: 3.3 or 5 V
` Reverse isolation: > 30 dB up to 2 GHz
` Best-in-class power vs current consumption
` Noise figure: 4 to 6 dB at 1 GHz
` Unconditionally stable (K > 1)
` High-compression-point models work without output inductor
` 6-pin SOT363 plastic SMD package
These products – the integrated downconverters TFF101xHN,
the wideband transistors BFU710F/730F for LNA and mixer
functionality, and the BGA28xx series of IF MMICs – are
the most recent additions to NXP’s leading portfolio for
satellite LNB. They join the other discrete products, including
oscillators, amplifiers, and switches, to provide complete
coverage for all LNB architectures.
Since the ICs, transistors, and the MMICs are manufactured
in NXP’s industry-leading QUBiC4X SiGe:C and QUBiC4+
process, they offer better overall RF performance and are more
robust than their GaAs equivalents and offer the added cost
advantage of silicon. The process technology also enables
higher integration, for added features. NXP owns the industrial
base for production (wafer fab, test, assembly), so volume
supplies can be assured.
Note: Also see section 1.3.4 Satellite outdoor unit, twin low noise block (LNB) with integrated
mixer/ oscillator/ downconverter
001aan954
BPF
BIAS
LB/HB/H/V detection
pHemt bias
LO oscillator control
linear regulated 5 V
Hor
10.7 ~ 12.75 GHz
1st
2nd
Ver
25.000 MHz
V/T
LIN
IF amps
BFU710F
TFF101xHN
HB
0.95 ~ 1.9 GHz/
1.1 ~ 2.15 GHz
PLL/VCO
LOOP
FILTER
mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com