Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 91 Page - NXP Semiconductors

Part # BLF888
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 87Page - NXP Semiconductors BLF888 Datasheet HTML 88Page - NXP Semiconductors BLF888 Datasheet HTML 89Page - NXP Semiconductors BLF888 Datasheet HTML 90Page - NXP Semiconductors BLF888 Datasheet HTML 91Page - NXP Semiconductors BLF888 Datasheet HTML 92Page - NXP Semiconductors BLF888 Datasheet HTML 93Page - NXP Semiconductors BLF888 Datasheet HTML 94Page - NXP Semiconductors BLF888 Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
92
NXP Semiconductors RF Manual 16th edition
N-channel, dual-gate MOSFETs
Type
Package
V
DS
I
D
Characteristics
IDSX
VGS(th)
|Yfs|
Cis
Cos
F @ 800 MHz
VHF
UHF
(V)
(mA)
(mA)
(V)
(mS)
(pF)
(pF)
(dB)
max
max
min
max
min
max
min
max
typ
typ
typ
With external bias
BF908
SOT143
12
40
3
27
-
-2
36
50
3.1
1.7
1.5
X
X
BF908R
SOT143R
12
40
3
27
-
-2
36
50
3.1
1.7
1.5
X
X
BF908WR
SOT343R
12
40
3
27
-
-2
36
50
3.1
1.7
1.5
X
X
BF991
SOT143
20
20
4
25
-
-2.5
10
-
2.1
1.1
1
X
-
BF992
SOT143
20
40
-
-
-
-1.3
20
-
4
2
1.2(1)
X
-
BF994S
SOT143
20
30
4
20
-
-2.5
15
-
2.5
1
1(1)
X
-
BF996S
SOT143
20
30
4
20
-
-2.5
15
-
2.3
0.8
1.8
-
X
BF998
SOT143
12
30
2
18
-
-2.0
21
-
2.1
1.05
1
X
X
BF998R
SOT143R
12
30
2
18
-
-2.0
21
-
2.1
1.05
1
X
X
BF998WR
SOT343R
12
30
2
18
-
-2.5
22
-
2.1
1.05
1
X
X
Fully internal bias
BF1105
SOT143
7
30
8
16
0.3
1.2
25
-
2.2(3)
1.2(2)
1.7
X
X
BF1105R
SOT143R
7
30
8
16
0.3
1.2
25
-
2.2(3)
1.2(2)
1.7
X
X
BF1105WR
SOT343R
7
30
8
16
0.3
1.2
25
-
2.2(3)
1.2(2)
1.7
X
X
Partly internal bias
BF904A
SOT143
7
30
8
13
0.3
1
22
30
2.2
1.3
2
X
X
BF904AR
SOT143R
7
30
8
13
0.3
1
22
30
2.2
1.3
2
X
X
BF904AWR
SOT343R
7
30
8
13
0.3
1
22
30
2.2
1.3
2
X
X
BF909A
SOT143
7
40
12
20
0.3
1
36
50
3.6
2.3
2
X
X
BF909AR
SOT143R
7
40
12
20
0.3
1
36
50
3.6
2.3
2
X
X
BF909AWR
SOT343R
7
40
12
20
0.3
1
36
50
3.6
2.3
2
X
X
BF1102(R)(4)
SOT363
7
40
12
20
0.3
1.2
36
-
2.8(3)
1.6(2)
2
X
X
BF1201
SOT143
10
30
11
19
0.3
1.2
23
35
2.6
0.9
1.9
X
X
BF1201R
SOT143R
10
30
11
19
0.3
1.2
23
35
2.6
0.9
1.9
X
X
BF1201WR
SOT343R
10
30
11
19
0.3
1.2
23
35
2.6
0.9
1.9
X
X
BF1202
SOT143
10
30
8
16
0.3
1.2
25
40
1.7
0.85
1.1
X
X
BF1202R
SOT143R
10
30
8
16
0.3
1.2
25
40
1.7
0.85
1.1
X
X
BF1202WR
SOT343R
10
30
8
16
0.3
1.2
25
40
1.7
0.85
1.1
X
X
BF1203(5)
SOT363
10
30
11
19
0.3
1.2
23
35
2.6
0.9
1.9
X
-
10
30
8
16
0.3
1.2
25
40
1.7
0.85
1.1
-
X
BF1204(4)
SOT363
10
30
8
16
0.3
1.2
25
40
1.7
0.85
1.1
X
X
BF1206(5)
SOT363
6
30
14
23
0.3
1.0
33
48
2.4
1.1
1.6
X
-
6
30
9
17
0.3
1.0
29
44
1.7
0.85
1.4
-
X
BF1207(5)(7)(8)
SOT363
6
30
13
23
0.3
1.0
25
40
2.2
0.9
1.4
X
-
6
30
9
19
0.3
1.0
26
41
1.8
0.8
1.4
-
X
BF1208(5)(6)(7)
SOT666
6
30
14
24
0.3
1
26
41
2.2
0.9
1.4
X
-
6
30
9
17
0.3
1
28
43
2
0.85
1.4
-
X
BF1208D(5)(6)(7)
SOT666
6
30
14
24
0.3
1
26
41
2.1
0.8
1.1
X
-
6
30
10
20
0.3
1
25
40
2.1
0.85
1.4
-
X
BF1210(5)(6)
SOT363
6
30
14
24
0.3
1
26
41
2.2
0.9
1.4
X
-
6
30
9
17
0.3
1
28
43
2
0.85
1.4
-
X
BF1211
SOT143
6
30
11
19
0.3
1.0
25
40
2.1
0.9
1.3
X
-
BF1211R
SOT143R
6
30
11
19
0.3
1.0
25
40
2.1
0.9
1.3
X
-
BF1211WR
SOT343
6
30
11
19
0.3
1.0
25
40
2.1
0.9
1.3
X
-
BF1212
SOT143
6
30
8
16
0.3
1.0
28
43
1.7
0.9
1.1
-
X
BF1212R
SOT143R
6
30
8
16
0.3
1.0
28
43
1.7
0.9
1.1
-
X
BF1212WR
SOT343
6
30
8
16
0.3
1.0
28
43
1.7
0.9
1.1
-
X
BF1214(4)
SOT363
6
30
13
23
0.3
1.0
25
35
2.2
0.9
1.4
X
X
BF1218(5)(6)(7)
SOT363
6
30
14
24
0.3
1
26
41
2.1
0.8
1.1
X
-
6
30
10
20
0.3
1
25
40
2.1
0.85
1.4
-
X
N-channel, dual-gate MOSFETs for set-top boxes
Type
Package
V
DS
I
D
Characteristics
I
DSX
V
(th)gs
|Yfs|
C
is
C
OS
F @
800 MHz
X-Mod @ 40 dB
gain reduction
(V)
(mA)
(mA)
(V)
(mS)
(pF)
(pF)
(dB)
(dB)
max
max
max
min
max
typ
typ
typ
typ
typ
BF1215 (1)(2)(3)
SOT363
6
30
19.5
0.3
1
27
2.5
0.8
1.9
107
30
23
0.3
1
27
2.5
0.8
1.9
107
BF1216(1)
SOT363
6
30
19.5
0.3
1
27
2.5
0.8
1.9
107
30
23
0.3
1
27
2.5
0.8
1.9
107
BF1217
SOT343
30
23
0.3
1
27
2.5
0.8
1.9
107
(1)
Two low-noise gain amplifiers in one package
(2)
Transistor A: fully internal bias, transistor B: partly internal bias
(3)
Internal switching function
Bold = highly recommended product
(1)
@ 200 MHz
(2)
COSS
(3)
Cig
(4)
Two equal dual gate
MOSFETs in one
package
(5)
Two low-noise gain
amplifiers in one
package
(6)
Transistor A: fully
internal bias, transistor
B: partly internal bias
(7)
Internal switching
function
(8)
Transistor A: partly
internal bias, transistor
B: fully internal bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com