Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # BLF888
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF888 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button BLF888 Datasheet HTML 39Page - NXP Semiconductors BLF888 Datasheet HTML 40Page - NXP Semiconductors BLF888 Datasheet HTML 41Page - NXP Semiconductors BLF888 Datasheet HTML 42Page - NXP Semiconductors BLF888 Datasheet HTML 43Page - NXP Semiconductors BLF888 Datasheet HTML 44Page - NXP Semiconductors BLF888 Datasheet HTML 45Page - NXP Semiconductors BLF888 Datasheet HTML 46Page - NXP Semiconductors BLF888 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 130 page
background image
44
NXP Semiconductors RF Manual 16th edition
These 6-bit digital VGAs offer high linearity (35 dBm @ 2.2-2.8 GHz) and high output power
(23 dBm @ 2.2-2.8 GHz) across a large bandwidth without external matching. Smart routing with no
connection crosses simplifies design and decreases footprint by 25%. The unique power-save mode
can effectively reduce the current consumption in TDD systems up to 45%. The BGA7210 adds flexible
current distribution across its two amplifiers, depending on the attenuation state, to save current.
Key features
` Internally matched for 50 Ω
- BGA7204 = 0.4 to 2.75 GHz
- BGA7210 = 0.7 to 3.8 GHz
` High maximum power gain
- BGA7204 = 18.5 dB
- BGA7210 = 30 dB
` High output third-order intercept, IP3
O
- BGA7204 = 38 dBm
- BGA7210 = 39 dBm
` Attenuation range of 31.5 dB, 0.5 dB step size (6 bit)
` High output power, P
L(1dB)
- BGA7204 = 21 dBm
- BGA7210 = 23 dBm
` Fast switching power-save mode (power down pin)
` Digitally controlled current setting from 120 to 195 mA with
an optimum at 185mA (BGA7210 only)
` Simple control interfaces
- BGA7204 SPI and parallel
- BGA7210 SPI
` ESD protection on all pins (HBM 4 kV; CDM 2 kV)
` HVQFN32 (5 x 5 x 0.85 mm)
Key benefits
` Wideband operation supports platforms with multiple
frequency ranges
` Smart lead routing produces simpler design, decreases
footprint by 25%
` Power-save mode can reduce current consumption in
TDD systems up to 45%
` Flexible current setting (BGA7210) saves power
` Monolithic design enables high quality
Applications
` GSM, W-CDMA, WiMAX, LTE base stations
` Wireless point-to-point and repeaters
` Cable modem termination systems
` Temperature-compensation circuits
OM7921 – BGA7210 customer evaluation kit
(also available OM7922 – BGA7204 CEK)
2.1.2
DigitalwidebandVGAswithhighlinearity&flexiblecurrentsettings
NXP digital VGAs BGA7204 & BGA7210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com