| Electronic Components Datasheet Search |
|
BLF888 Datasheet(PDF) 123 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF888 Datasheet(HTML) 123 Page - NXP Semiconductors |
|
123 / 130 page ![]() 124 NXP Semiconductors RF Manual 16th edition 7. Abbreviations 3-way Doherty design using 3 discrete transistors AM Amplitude Modulation ASIC Application Specific Integrated Circuit ASYM Asymmetrical design of Doherty (main and peak device are different) BPF Band Pass Filter BUC Block Upconverter CATV Community Antenna Television CDMA Code Division Multiple Access CMMB Chinese Multimedia Mobile Broadcasting CMOS Complementary Metal Oxide Semiconductor CQS Customer Qualification Samples DAB Digital Audio Broadcasting DECT Digital Enhanced Cordless Telecommunications DiSEqC Digital Satellite Equipment Control DSB Digital Signal Processor DVB Digital Video Broadcasting EDGE Enhanced Data Rates for GSM Evolution ESD Electro Static Device FET Field Effect Transistor FM Frequency Modulation GaAs Gallium Arsenide GaN Gallium Nitride Gen Generation GPS Global Positioning System GSM Global System for Mobile communications HBT Heterojunction Bipolar Transistor HDTV High Definition Television HF High Frequency (3-30 MHz) HFC Hybrid Fiber Coax HFET Heterostructure Field Effect Transistor HPA High Power Amplifier HVQFN Plastic thermally enHanced Very thin Quad Flat pack No leads IF Intermediate Frequency ISM Industrial, Scientific, Medical - reserved frequency bands LDMOS Laterally Diffused Metal-Oxide-Semiconductor LNA Low Noise Amplifier LNB Low Noise Block LO Local Oscillator LPF Low Pass Filter MESFET Metal Semiconductor Field Effect Transistor MMIC Monolithic Microwave Integrated Circuit MMPP Main and peak devices realized separately in halves of push-pull transistor MPPM Main and peak device realized in same push- pull transistor (2 times) MoCA Multimedia over Coax Alliance MOSFET Metal–Oxide–Semiconductor Field Effect Transistor MPA Medium Power Amplifier MRI Magnetic Resonance Imaging NF Noise Figure NIM Network Interface Module NMR Nuclear Magnetic Resonance PA Power Amplifier PAR Peak to Average Ratio PEP Peak Envelope Power pHEMT pseudomorphic High Electron Mobility Transistor PLL Phase Locked Loop QUBiC Quality BiCMOS RF Radio Frequency RFS Release for Supply RoHS Restriction of Hazardous Substances Rx Receive SARFT State Administration for Radio, Film and Television SER Serializer SiGe:C Sillicon Germanium Carbon SMATV Satellite Master Antenna Television SMD Surface Mounted Device SPDT Single Pole, Double Throw SYM Symmetrical design of Doherty (main and peak device are the same type of transistor) TD-SCDMA Time Division-Synchronous Code Division Multiple Access TCAS Traffic Collision Avoidance Systems TMA Tower Mounted Amplifier TTFF Time to First Fix Tx Transmit UHF Ultra High Frequency (470-860 MHz) UMTS Universal Mobile Telecommunications System VCO Voltage Controlled Oscillator VGA Variable Gain Amplifier VHF Very High Frequency (30-300 MHz) VoIP Voice over Internet Protocol VSAT Very Small Aperture Terminal WCDMA Wideband Code Division Multiple Access WiMAX Worldwide Interoperability for Microwave Access WLAN Wireless Local Area Network |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |