Electronic Components Datasheet Search
  English  ▼

X  

TOIM5232 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 5 Page - Vishay Siliconix

  TOIM5232 Datasheet HTML 1Page - Vishay Siliconix TOIM5232 Datasheet HTML 2Page - Vishay Siliconix TOIM5232 Datasheet HTML 3Page - Vishay Siliconix TOIM5232 Datasheet HTML 4Page - Vishay Siliconix TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
5
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED APPLICATION CIRCUIT FOR TOIM5232
Application circuit using TFDU4301 with integrated level shifter MAX3232CSE. When used directly with 3 V - or 5 V - logic, the
level shifter can be omitted.
R4
C3
J1
CON9
1
2
3
4
5
6
7
8
9
TFDU4301
C10
C4
Z2
U1
MAX3232CSE
13
8
11
10
1
3
4
5
2
6
12
9
14
7
16
15
R1IN
R2IN
T1IN
T2IN
C+
C1-
C2+
C2-
V+
V-
R1OUT
R2OUT
T1OUT
T2OUT
V
CC
GND
+
C8
External
input
3.6 V max.
optional
TOIM5232
C5
R1
RXD
DTR (RESET)
J2
CON2
1
2
Vcc
U3
2
4
6
8
5
3
1
7
Cathode
RXD
Vcc1
GND
SD
TXD
Anode
V
log
+
+
*) NC: 6, 8, 11, 15, 20
U2
18
19
1
2
3
4
5
7
9
16
14
13
12
*)
10
17
RESET
BR/D
RD_232
TD_232
V
CC_SD
X1
X2
GND
TD_LED
RD_IR
TD_IR
S2
S1
NC
RD_LED
V
CC
R2
C11
RTS (BR/D)
C7
C6
TXD
C9
Y1
C1
+
IRED
Z1
R3
+
IRED
+ C2
20799
RECOMMENDED APPLICATION CIRCUIT COMPONENTS
COMPONENT
RECOMMENDED VALUE
VISHAY PART NUMBER
1.
C1
100 nF
VJ 1206 Y 104 J XXMT
2.
C2
10 μF, 16 V
293D 106X9 016B 2T
3.
C3
100 nF
VJ 1206 Y 104 J XXMT
4.
C4
100 nF
VJ 1206 Y 104 J XXMT
5.
C5
100 nF
VJ 1206 Y 104 J XXMT
6.
C6
100 nF
VJ 1206 Y 104 J XXMT
7.
C7
1 μF, 16 V
293D 105X9 016A 2T
8.
C8
22 pF
VJ 1206 A 220 J XAMT
9.
C9
22 pF
VJ 1206 A 220 J XAMT
10.
C10
6.8 μF, 16 V (optional)
293D 685X9 016B 2T
11.
C11
100 nF
VJ 1206 Y 104 J XXMT
12.
Z1
3.6 V
BZT55C3V6
13.
Z2
3.6 V
BZT55C3V6
14.
R1
5.6 k
CRCW-1206-5601-F-RT1
15.
R2
100 k
CRCW-1206-1003-F-RT1
16.
R3
47
CRCW-1206-47R0-F-RT1
17.
R4
27
 (for reduced current only)
CRCW-1206-27R0-F-RT1
18.
Y1
3.686400 MHz
XT49S - 20 - 3.686400M
19.
U1
MAX 3232CSE
MAXIM MAX 3232CSE
20.
U2
TOIM5232
21.
U3
TFDU4301
22.
J1
9 pin - connector
Cannon
23.
J2
Power connector
Philmore PHI 211B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com