Electronic Components Datasheet Search
  English  ▼

X  

TOIM5232 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 1 Page - Vishay Siliconix

  TOIM5232 Datasheet HTML 1Page - Vishay Siliconix TOIM5232 Datasheet HTML 2Page - Vishay Siliconix TOIM5232 Datasheet HTML 3Page - Vishay Siliconix TOIM5232 Datasheet HTML 4Page - Vishay Siliconix TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
1
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SIR Endec for IrDA® Applications Integrated Interface Circuit
DESCRIPTION
The TOIM5232 endec IC provides proper pulse shaping for
the SIR IrDA front end infrared transceivers as of the
4000-series.
For transmitting the TOIM5232 shortens the RS232 output
signal to IrDA compatible electrical pulses to drive the
infrared transmitter. In the receive mode, the TOIM5232
stretches the received infrared pulses to the proper bit width
depending on the operating bit rate. The IrDA bit rate varies
from 2.4 kbit/s to 115.2 kbit/s.
The TOIM5232 is using a crystal clock 3.6864 MHz
(< 7.5 MHz) for its pulse stretching and shortening. The
clock is generated by the internal oscillator. An external
clock can be used, too. The TOIM5232 is programmable to
operate
from
1200
bit/s
to
115.2
kbit/s
by
the
communication software through the RS232 port. The
output pulses are software programmable as either 1.627 μs
or 3/16 of bit time. The typical power consumption is very
low with about 10 mW in operational state and in the order
of a few microwatts in standby mode. TOIM5232 in the tiny
QFN-20 package is the space-minimized version of
TOIM5232.
ULC Technology: High performance gate array package
using multiple metal layer CMOS technology featuring
sub-micron channel lengths (0.35 μm).
FEATURES
• Pulse shaping function according IrDA SIR
physical layer
• Directly interfaces the SIR transceiver to a
RS232 port
• QFN-20 - package, 4 mm x 4 mm x 0.75 mm
• Low operating current
• Programmable baud clock generator (1200 Hz
to
115.2 kHz), 13 baud rates
• 3/16 bit pulse duration or 1.627 μs pulse selectable
• For 2.7 V to 3.6 V operation voltage, 5 V tolerant inputs
• Qualified for lead (Pb)-free and Sn/Pb solder processing
(MSL3)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
20810
PARTS TABLE
PART
DESCRIPTION
QTY/REEL
TOIM5232-TR3
SIR Endec for IrDA application
6000 pcs
PRODUCT SUMMARY
PART NUMBER
DATA RATE
(kbit/s)
DIMENSIONS
H x L x W
(mm x mm x mm)
LINK DISTANCE
(m)
OPERATING
VOLTAGE
(V)
IDLE SUPPLY
CURRENT
(mA)
TOIM5232
1.2 to 115
4 x 4 x 0.75
-
2.7 to 3.6
2


Similar Part No. - TOIM5232

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TOIM3000 TEMIC-TOIM3000 Datasheet
123Kb / 9P
Infrared IrDA Integrated Interface Circuits
TOIM3232 TEMIC-TOIM3232 Datasheet
123Kb / 9P
Infrared IrDA Integrated Interface Circuits
logo
Vishay Telefunken
TOIM3232 TFUNK-TOIM3232 Datasheet
149Kb / 9P
High-Performance gate array package using dual metal layer CMOS technology
logo
Vishay Siliconix
TOIM4232 VISHAY-TOIM4232 Datasheet
230Kb / 14P
SIR Endec for IrDA Applications Integrated Interface Circuit
06-Jun-06
TOIM4232-TR1 VISHAY-TOIM4232-TR1 Datasheet
230Kb / 14P
SIR Endec for IrDA Applications Integrated Interface Circuit
06-Jun-06
More results

Similar Description - TOIM5232

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TFDS3000 TEMIC-TFDS3000 Datasheet
221Kb / 10P
Integrated Infrared Transceiver Module IrDA (SIR)
logo
Vishay Siliconix
TOIM4232 VISHAY-TOIM4232 Datasheet
230Kb / 14P
SIR Endec for IrDA Applications Integrated Interface Circuit
06-Jun-06
TFDU4101 VISHAY-TFDU4101 Datasheet
266Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
11-Jul-06
TFDU4101 VISHAY-TFDU4101_07 Datasheet
273Kb / 16P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Dec-07
TFDU4101 VISHAY-TFDU4101_09 Datasheet
270Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA Applications
08-Jul-09
TFDU4101 VISHAY-TFDU4101_12 Datasheet
283Kb / 13P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
04-Jul-12
TFDU4101 VISHAY-TFDU4101_V01 Datasheet
438Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
TFDU4101 VISHAY-TFDU4101_V02 Datasheet
439Kb / 15P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
25-Jul-2022
TFDU4301 VISHAY-TFDU4301_V01 Datasheet
331Kb / 14P
Infrared Transceiver Module (SIR, 115.2 kbit/s) for IrDA® Applications
28-Oct-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com