Electronic Components Datasheet Search
  English  ▼

X  

TOIM5232 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix TOIM5232 Datasheet HTML 10Page - Vishay Siliconix TOIM5232 Datasheet HTML 11Page - Vishay Siliconix TOIM5232 Datasheet HTML 12Page - Vishay Siliconix TOIM5232 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
10
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TRANSMIT (TXD) CHANNEL
Figure 4 shows the transmission in the default mode. For
data transfer, the endec is set to that mode by BR/D = “0”.
In
the
examples
“6”
is
always
transmitted
(binary
“00000110”). The “0” is represented in the IrDA protocol by
an optical pulse. Also here the LSB is transmitted first after
the start bit. “1” is not transmitted.
Fig. 4 - Data transmission with 9.6 kbit/s,1.627 μs pulse duration
Channel 1 shows the signal from the RS232 port already
converted to 3 V logic by U1. The Endec encodes that signal
to the RZI IrDA format where a “0” is represented by a pulse.
That is the trace of channel 2. This output is connected the
TXD input of the transceiver and this signal is transmitted as
optical output signal. Channel 3 is the signal for an indicator
lamp connected to the TD_LED driver output. Use 180
serial resistor to supply voltage for limiting the current
through the LED (not shown in the circuit diagram).
When using the (not recommended) 3/16-bit pulse width the
oscillogram looks like figure 5.
Fig. 5 - Data transmission with the setting 9.6 kbit/s,
3/16 bit pulse duration (19.5 μs)
The transmission with the highest SIR bit rate of 115.2 bit/s
looks like what is shown in figure 6. However, the horizontal
time scale is different.
Fig. 6 - Data transmission with the setting 115.2 kbit/s, 1.627 μs
pulse duration. By definition, the pulse duration of 1.627 μs is
identical to the 3/16-bit pulse width.
RECEIVE (RXD) CHANNEL
In the default 9600 bit/s mode the signals will look like those
shown in figure 7 and figure 8.
Fig. 7 - Data reception with the setting 9.6 kbit/s.
Short RXD pulse
Fig. 8 - Data reception with the setting 9.6 kbit/s.
Same as in figure 7, extended pulse duration
The endec stretches the received pulses of about 2 µs
duration from the transceiver output (figure 7, channel 1)
independent of the pulse duration to the full bit width
generating NRZ code (channel 2). Channel 3 is the signal for
the indicator lamp.
As shown in figure 8, channels 2 and 3, the final NRZ signal
is identical to figure 7, even when longer pulses are received.
In the 115.2 kbit/s mode the signals will look like those shown
1->
T
2->
3->
21031
STA 0
1
1
0
0
0
0
0
1) Ch1: TD_232 inp. pin 4, vertical scale: 2 V/div., horizontal scale: 200 µs/div.
2) Ch2: TD_IR, pin 14; 1.6 µs pulse duration
3) Ch3: TD_LED, pin 9
1->
2->
3->
21032
1) Ch1: TD_232, pin 4, vertical scale: 2 V/div., horizontal scale: 200 µs/div.
2) Ch2: TD_IR, pin 14; 3/16 bit pulse duration
3) Ch3: TD_LED, pin 9
3->
1->
2->
21033
1) Ch1: TD_232, pin 4, vertical scale: 2 V/div., horizontal scale: 20 µs/div.
2) Ch2: TD_IR, pin 14; 1.6 µs pulse duration
3) Ch3: TD_LED, pin 9
1->
2->
3->
21034
1) Ch1: TOIM4232; RD_IR, pin 15, vertical scale: 2 V/div.,
horizontal scale: 200 µs/div.
2) Ch2: TOIM4232; RD_232, pin 3
3) Ch3: TOIM4232; RD_LED, pin 10
1->
2->
3->
1) Ch1: TOIM4232; RD_IR, pin 15, vertical scale: 2 V/div.,
horizontal scale: 200 µs/div.
2) Ch2: TOIM4232; RD_232, pin 3
3) Ch3: TOIM4232; RD_LED, pin 10
21035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com