Electronic Components Datasheet Search
  English  ▼

X  

TOIM5232 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TOIM5232
Description  SIR Endec for IrDA® Applications Integrated Interface Circuit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOIM5232 Datasheet(HTML) 4 Page - Vishay Siliconix

  TOIM5232 Datasheet HTML 1Page - Vishay Siliconix TOIM5232 Datasheet HTML 2Page - Vishay Siliconix TOIM5232 Datasheet HTML 3Page - Vishay Siliconix TOIM5232 Datasheet HTML 4Page - Vishay Siliconix TOIM5232 Datasheet HTML 5Page - Vishay Siliconix TOIM5232 Datasheet HTML 6Page - Vishay Siliconix TOIM5232 Datasheet HTML 7Page - Vishay Siliconix TOIM5232 Datasheet HTML 8Page - Vishay Siliconix TOIM5232 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TOIM5232
www.vishay.com
Vishay Semiconductors
Rev. 1.3, 04-Jul-12
4
Document Number: 81749
For technical questions within your region: irdasupportAM@vishay.com, irdasupportAP@vishay.com, irdasupportEU@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
X: do not care
S1, S2: user programmable bit to program the outputs S1
and S2
S0: IrDA pulse select
S0 = (1): 1.627 μs output pulses
S0 = (0): 3/16 bit time pulses, not recommended
B0 to B3: baud rate select words according following table.
Example:
To set TOIM5232 at COM2 port (2F8) to 9600 bit/s with
3/16 bit time pulse duration send to the TOIM5232 in
programming mode in e.g. “basic”
OUT &H2F8, (&H6)
For same port, 9600 bit/s and 1.627 μs pulse duration send
OUT &H2F8, (&H16)
For additionally activating S1 send
OUT &H2F8, (&H36)
Note
IrDA standard only supports 2.4 kbit/s, 9.6 kbit/s, 19.2 kbit/s,
57.6 kbit/s, and 115.2 kbit/s (3.6864 MHz clock). Doubling the baud
rates is allowed by doubling the clock frequency.
SOFTWARE FOR THE TOIM4232 AND TOIM5232 UART PROGRAMMING
For proper operation, the RS232 must be programmed (using 8 bit, 1 stop, no parity) to send a two character control word, YZ.
The control word YZ is composed of two characters, written in hexadecimal, in format: YZ. The transfer rate for programming
must be identical with the formerly programmed data rate, or after resetting the TOIM5232, the default rate of 9600 bit/s is used.
Note
• It is recommended reading the I/O buffer after transmission waiting the specified latency allowance. That avoids receiving unexpected data
from pulses stochastically generated by many transceivers during the latency time.
(1) For programming the UART, refer to e.g., National Semiconductors datasheet of PC 16550 UART.
CONTROL BYTE (8 BIT)
FIRST CHARACTER
SECOND CHARACTER
X
S2
S1
S0
B3B2B1B0
LSB
BAUD RATE SELECT WORDS
B3
B2
B1
B0
2nd
CHAR
BAUD RATE
0000
0
115.2 kHz
0001
1
57.6 kHz
0010
2
38.4 kHz
0011
3
19.2 kHz
0100
4
14.4 kHz
0101
5
12.8 kHz
0110
6
9.6 kHz
0111
7
7.2 kHz
1000
8
4.8 kHz
1001
9
3.6 kHz
1010
A
2.4 kHz
1011
B
1.8 kHz
1100
C
1.2 kHz
STEP.
RESET
BR/D
TD_UART
RD_UART
RD_IR
TD_IR
DESCRIPTION AND COMMENTS
1High
X
X
X
X
X
Resets all internal registers. Resets to
IrDA default data rate of 9600 bit/s
2Low
X
X
X
X
X
Wait at least 2 ms, to allow start-up of
internal clock. When external clock is
used: wait at least 7 μs.
3Low
High
X
X
X
X
Wait at least 7 μs. TOIM5232 now is set to
the control word programming mode
4Low
High
YZ
with Y = 1:
1.627 μs
Y = 0
3/16 bit length
XX
X
Sending the control word YZ.
Examples: Send “1Z” if 1.627 μs pulses
are intended to be used. Otherwise send
“0Z” for 3/16 bit period pulses. “Y6”
keeps the 9.6 kbit/s data rate. Z = 0 sets
to 115.2 kbit/s, see programming table.
Wait at least 1 μs for hold-time.
5
Low
Low
Data
Data
Data
Data
With BR/D = 0, TOIM5232 is in the data
communication mode. Both RESET and
BR/D must be kept low (“0”) during data
transmission. Reprogramming to a new
data rate can be resumed by restarting
from step 3. The UART itself also must set
to the correct data rate (1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com