Electronic Components Datasheet Search
  English  ▼

X  

LTC2269 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2269 Datasheet HTML 10Page - Linear Technology LTC2269 Datasheet HTML 11Page - Linear Technology LTC2269 Datasheet HTML 12Page - Linear Technology LTC2269 Datasheet HTML 13Page - Linear Technology LTC2269 Datasheet HTML 14Page - Linear Technology LTC2269 Datasheet HTML 15Page - Linear Technology LTC2269 Datasheet HTML 16Page - Linear Technology LTC2269 Datasheet HTML 17Page - Linear Technology LTC2269 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC2269
14
2269f
PIN FUNCTIONS
FULL RATE CMOS OUTPUT MODE
All Pins Below Have CMOS Output Levels (OGND to
OVDD)
D0 to D15 (Pins 21-28, 33-40): Digital Outputs. D15 is
the MSB.
CLKOUT– (Pin 29):
Inverted version of CLKOUT+.
CLKOUT+ (Pin 30):
Data Output Clock. The digital outputs
normally transition at the same time as the falling edge
of CLKOUT+. The phase of CLKOUT+ can also be delayed
relative to the digital outputs by programming the mode
control registers.
DNC (Pin 41): Do not connect this pin.
OF (Pin 42): Overflow/Underflow Digital Output. OF is high
when an overflow or underflow has occurred.
DOUBLE DATA RATE CMOS OUTPUT MODE
All Pins Below Have CMOS Output Levels (OGND to
OVDD)
D0_1 to D14_15 (Pins 22, 24, 26, 28, 34, 36, 38, 40):
Double Data Rate Digital Outputs. Two data bits are mul-
tiplexed onto each output pin. The even data bits (D0,
D2, D4, D6, D8, D10, D12, D14) appear when CLKOUT+
is low. The odd data bits (D1, D3, D5, D7, D9, D11, D13,
D15) appear when CLKOUT+ is high.
DNC (Pins 21, 23, 25, 27, 33, 35, 37, 39, 41): Do not
connect these pins.
CLKOUT– (Pin 29):
Inverted version of CLKOUT+.
CLKOUT+ (Pin 30):
Data Output Clock. The digital outputs
normally transition at the same time as the falling and ris-
ing edges of CLKOUT+. The phase of CLKOUT+ can also
be delayed relative to the digital outputs by programming
the mode control registers.
OF (Pin 42): Overflow/Underflow Digital Output. OF is high
when an overflow or underflow has occurred.
DOUBLE DATA RATE LVDS OUTPUT MODE
All Pins Below Have LVDS Output Levels. The Output
Current Level is Programmable. There is an Optional
Internal 100Ω Termination Resistor Between the Pins
of Each LVDS Output Pair.
D0_1–/D0_1+ to D14_15–/D14_15+ (Pins 21/22, 23/24,
25/26, 27/28, 33/34, 35/36, 37/38, 39/40): Double Data
Rate Digital Outputs. Two data bits are multiplexed onto
each differential output pair. The even data bits (D0, D2,
D4, D6, D8, D10, D12, D14) appear when CLKOUT+ is low.
The odd data bits (D1, D3, D5, D7, D9, D11, D13, D15)
appear when CLKOUT+ is high.
CLKOUT–/CLKOUT+ (Pins 39/40):
Data Output Clock.
The digital outputs normally transition at the same time
as the falling and rising edges of CLKOUT+. The phase of
CLKOUT+ can also be delayed relative to the digital outputs
by programming the mode control registers.
OF–/OF+ (Pins 41/42):
Overflow/Underflow Digital Output.
OF+ is high when an overflow or underflow has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com