Electronic Components Datasheet Search
  English  ▼

X  

LTC2269 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2269 Datasheet HTML 14Page - Linear Technology LTC2269 Datasheet HTML 15Page - Linear Technology LTC2269 Datasheet HTML 16Page - Linear Technology LTC2269 Datasheet HTML 17Page - Linear Technology LTC2269 Datasheet HTML 18Page - Linear Technology LTC2269 Datasheet HTML 19Page - Linear Technology LTC2269 Datasheet HTML 20Page - Linear Technology LTC2269 Datasheet HTML 21Page - Linear Technology LTC2269 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC2269
18
2269f
APPLICATIONS INFORMATION
Figure 8a. Reference Circuit
VREF
REFH
REFH
SENSE
C1
TIE TO VDD FOR 2.1V RANGE;
TIE TO GND FOR 1.05V RANGE;
SENSE FOR
0.625V < VSENSE < 1.300V
1.25V
REFL
REFL
INTERNAL ADC
HIGH REFERENCE
BUFFER
2269 F08
LTC2269
5Ω
0.84x
DIFF AMP
INTERNAL ADC
LOW REFERENCE
C1: 2.2μF LOW INDUCTANCE
INTERDIGITATED CAPACITOR
TDK CLLE1AX7S0G225M
MURATA LLA219C70G225M
AVX W2L14Z225M
OR EQUIVALENT
1.25V BANDGAP
REFERENCE
0.625V
RANGE
DETECT
AND
CONTROL
2.2μF
C2
1μF
C3
1μF
+
+
–
–
–
–
+
+
Reference
The LTC2269 has an internal 1.25V voltage reference. For
a 2.1V input range using the internal reference, connect
SENSE to VDD. For a 1.05V input range using the internal
reference, connect SENSE to ground. For a 2.1V input
range with an external reference, apply a 1.25V reference
voltage to SENSE (Figure 9).
The input range can be adjusted by applying a voltage to
SENSE that is between 0.625V and 1.30V. The input range
will then be 1.68 • VSENSE.
The VREF, REFH and REFL pins should be bypassed as
shown in Figure 8a. A low inductance 2.2μF interdigitated
capacitor is recommended for the bypass between REFH
and REFL. This type of capacitor is available at a low cost
from multiple suppliers.
Alternatively, C1 can be replaced by a standard 2.2μF
capacitor between REFH and REFL. The capacitor should
be as close to the pins as possible (not on the back side
of the circuit board).
Figure 8b. Alternative REFH/REFL Bypass Circuit
Figure 8c. Recommended Layout for the REFH/REFL
Bypass Circuit in Figure 8a
Figure 8d. Recommended Layout for the REFH/REFL
Bypass Circuit in Figure 8b
REFH
REFH
REFL
REFL
2269 F08b
LTC2269
CAPACITORS ARE 0402 PACKAGE SIZE
C3
1μF
C1
2.2μF
C2
1μF
Figures 8c and 8d show the recommended circuit board
layout for the REFH/REFL bypass capacitors. Note that in
Figure 8c, every pin of the interdigitated capacitor (C1)
is connected since the pins are not internally connected
in some vendors’ capacitors. In Figure 8d, the REFH and
REFL pins are connected by short jumpers in an internal
layer. To minimize the inductance of these jumpers they
can be placed in a small hole in the GND plane on the
second board layer.
Figure 9. Using an External 1.25V Reference
SENSE
1.25V
EXTERNAL
REFERENCE
2.2μF
1μF
VREF
2269 F09
LTC2269
2269 F08c
2269 F08d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com