Electronic Components Datasheet Search
  English  ▼

X  

LTC2269 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2269 Datasheet HTML 24Page - Linear Technology LTC2269 Datasheet HTML 25Page - Linear Technology LTC2269 Datasheet HTML 26Page - Linear Technology LTC2269 Datasheet HTML 27Page - Linear Technology LTC2269 Datasheet HTML 28Page - Linear Technology LTC2269 Datasheet HTML 29Page - Linear Technology LTC2269 Datasheet HTML 30Page - Linear Technology LTC2269 Datasheet HTML 31Page - Linear Technology LTC2269 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC2269
32
2269f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 0912 • PRINTED IN USA
TYPICAL APPLICATION
RELATED PARTS
Integral Non-Linearity (INL)
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0.5
0.0
1.0
1.5
2.0
16384
32768
49152
65536
2269 TA05
S/H
OUTPUT
DRIVERS
16-BIT
ADC CORE
CLOCK
CONTROL
D15
D0
20MHz
CLOCK
ANALOG
INPUT
2269 TA04
CMOS,
DDR CMOS OR
DDR LVDS
OUTPUTS
1.8V
VDD
1.8V
OVDD
GND
OGND
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2159
16-Bit 20Msps 1.8V ADC, Ultralow Power
43mW, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs
LTC2160
16-Bit 25Msps 1.8V ADC, Ultralow Power
45mW, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
7mm × 7mm QFN-48
LTC2180
16-Bit 25Msps 1.8V Dual ADC, Ultralow Power 39mW/Ch, 77dB SNR, 90dB SFDR, DDR LVDS/DDR CMOS/CMOS Outputs,
9mm × 9mm QFN-64
LTC2190
16-Bit 25Msps 1.8V Dual ADC, Ultralow Power 52mW/Ch, 77dB SNR, 90dB SFDR, Serial LVDS Outputs, 7mm × 8mm QFN-52
LTC2202/LTC2203
16-Bit 10Msps/25Msps 3.3V ADCs
140mW/220mW, 81.6dB SNR, 100dB SFDR, CMOS Outputs, 7mm × 7mm QFN-48
PLLs
LTC6946-X
Ultralow Noise and Spurious Integer-N
Synthesizer with Integrated VCO
3.7MHz to 5.7GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor, –157dBc/
Hz Wideband Output Phase Noise Floor
LTC6945
Ultralow Noise and Spurious 0.35GHz to 6GHz
Integer-N Synthesizer
3.5GHz to 6GHz, –226dBc/Hz Normalized In-Band Phase Noise Floor, –157dBc/Hz
Wideband Output Phase Noise Floor
Signal Chain Receivers
LTM9002
14-Bit, Dual Channel IF/Baseband μModule
Receiver
Dual ADC, Dual Amplifiers, Anti-Alias Filters and a Dual Trim DAC in
15mm × 11.25mm LGA
LTM9004
14-Bit, Direct Conversion μModule Receiver
I/Q Demodulator, Baseband Amplifiers, Lowpass Filters Up to 20MHz, Dual 14-Bit
125Msps ADC in 22mm × 15mm LGA
RF Mixers/Demodulators
LTC5569
300MHz to 4GHz Dual Active Downconverting
Mixer
High IIP3: 26.8dBm, 2dB Conversion Gain, Low Power: 3.3V/600mW, Integrated RF
Transformer for compact Footprint
LTC5584
30MHz to 1.4GHz Wideband I/Q Demodulator
I/Q Demodulation Bandwidth >530MHz, 31dBm IIP3, IIP2 Adjustable to >80dBm,
DC Offset Adjustable to Zero, 45dB Image Rejection
LTC5585
700MHz to 3GHz Wideband I/Q Demodulator
I/Q Demodulation Bandwidth >530MHz, 25.7dBm IIP3, IIP2 Adjustable to >80dBm,
DC Offset Adjustable to Zero, 43dB Image Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com