Electronic Components Datasheet Search
  English  ▼

X  

LTC2269 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 2 Page - Linear Technology

  LTC2269 Datasheet HTML 1Page - Linear Technology LTC2269 Datasheet HTML 2Page - Linear Technology LTC2269 Datasheet HTML 3Page - Linear Technology LTC2269 Datasheet HTML 4Page - Linear Technology LTC2269 Datasheet HTML 5Page - Linear Technology LTC2269 Datasheet HTML 6Page - Linear Technology LTC2269 Datasheet HTML 7Page - Linear Technology LTC2269 Datasheet HTML 8Page - Linear Technology LTC2269 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2269
2
2269f
ABSOLUTE MAXIMUM RATINGS
Supply Voltages (VDD, OVDD) ....................... –0.3V to 2V
Analog Input Voltage (AIN+, AIN–, PAR/SER, SENSE)
(Note 3) ................................... –0.3V to (VDD + 0.2V)
Digital Input Voltage (ENC+, ENC–, CS, SDI, SCK)
(Note 4) ................................................ –0.3V to 3.9V
SDO (Note 4)............................................. –0.3V to 3.9V
(Notes 1, 2)
FULL RATE CMOS OUTPUT MODE
DOUBLE DATA RATE CMOS OUTPUT MODE
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
VCM 1
AIN
+ 2
AIN
– 3
GND 4
REFH 5
REFL 6
REFH 7
REFL 8
PAR/SER 9
GND 10
GND 11
VDD 12
36 D11
35 D10
34 D9
33 D8
32 OVDD
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D7
27 D6
26 D5
25 D4
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
VCM 1
AIN
+ 2
AIN
– 3
GND 4
REFH 5
REFL 6
REFH 7
REFL 8
PAR/SER 9
GND 10
GND 11
VDD 12
36 D10_11
35 DNC
34 D8_9
33 DNC
32 OVDD
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D6_7
27 DNC
26 D4_5
25 DNC
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTC2269C ................................................ 0°C to 70°C
LTC2269I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com