Electronic Components Datasheet Search
  English  ▼

X  

LTC2269 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2269
Description  16-Bit, 20Msps Low Noise ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2269 Datasheet(HTML) 3 Page - Linear Technology

  LTC2269 Datasheet HTML 1Page - Linear Technology LTC2269 Datasheet HTML 2Page - Linear Technology LTC2269 Datasheet HTML 3Page - Linear Technology LTC2269 Datasheet HTML 4Page - Linear Technology LTC2269 Datasheet HTML 5Page - Linear Technology LTC2269 Datasheet HTML 6Page - Linear Technology LTC2269 Datasheet HTML 7Page - Linear Technology LTC2269 Datasheet HTML 8Page - Linear Technology LTC2269 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2269
3
2269f
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2269CUK#PBF
LTC2269CUK#TRPBF
LTC2269UK
48-Lead (7mm × 7mm) Plastic QFN
0°C to 70°C
LTC2269IUK#PBF
LTC2269IUK#TRPBF
LTC2269UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PIN CONFIGURATION
DOUBLE DATA RATE LVDS OUTPUT MODE
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm
7mm) PLASTIC QFN
VCM 1
AIN
+ 2
AIN
– 3
GND 4
REFH 5
REFL 6
REFH 7
REFL 8
PAR/SER 9
GND 10
GND 11
VDD 12
36 D10_11+
35 D10_11–
34 D8_9+
33 D8_9–
32 OVDD
31 OGND
30 CLKOUT+
29 CLKOUT–
28 D6_7+
27 D6_7–
26 D4_5+
25 D4_5–
TJMAX = 150°C, θJA = 29°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com