Electronic Components Datasheet Search
  English  ▼

X  

XC6902 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6902
Description  -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6902 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6902 Datasheet HTML 1Page - Torex Semiconductor XC6902 Datasheet HTML 2Page - Torex Semiconductor XC6902 Datasheet HTML 3Page - Torex Semiconductor XC6902 Datasheet HTML 4Page - Torex Semiconductor XC6902 Datasheet HTML 5Page - Torex Semiconductor XC6902 Datasheet HTML 6Page - Torex Semiconductor XC6902 Datasheet HTML 7Page - Torex Semiconductor XC6902 Datasheet HTML 8Page - Torex Semiconductor XC6902 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2/23
XC6902 シリーズ
■端子配列
■端子説明
PIN NUMBER
USP-6C
SOT-23
SOT-89
PIN NAME
FUNCTIONS
3
3
2
-VIN
Negative Supply
Input
1
1
3
-VOUT
Negative Output
6
2
1
GND
Ground
2,4,5
-
-
NC
No Connection
(
*1) USP-6C の放熱板は実装強度強化および放熱の為、参考パターンレイアウトと参考メタルマスクデザインでのはんだ実装を推奨し
ております。尚、放熱板の電位をとる場合は
-VIN(3 番 Pin)へ接続して下さい。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com