Electronic Components Datasheet Search
  English  ▼

X  

XC6902 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6902
Description  -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6902 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6902 Datasheet HTML 2Page - Torex Semiconductor XC6902 Datasheet HTML 3Page - Torex Semiconductor XC6902 Datasheet HTML 4Page - Torex Semiconductor XC6902 Datasheet HTML 5Page - Torex Semiconductor XC6902 Datasheet HTML 6Page - Torex Semiconductor XC6902 Datasheet HTML 7Page - Torex Semiconductor XC6902 Datasheet HTML 8Page - Torex Semiconductor XC6902 Datasheet HTML 9Page - Torex Semiconductor XC6902 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC6902 シリーズ
■電気的特性
入出力電位差一覧表
E-1
DROPOUT VOLTAGE
NOMINAL
OUTPUT
VOLTAGE
Vdif (mV)
VOUT(T)
TYP.
MAX.
-2.50
129
174
-2.60
125
169
-3.00
110
151
-3.30
102
142
-4.00
91
127
-5.00
78
114
-6.0
70
105
-12.0
50
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com