Electronic Components Datasheet Search
  English  ▼

X  

XC6902 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6902
Description  -16V ?ε뒟縕좈쎔?㎩엹3 塋?춴?с궙?γ꺃?쇈궭
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6902 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6902 Datasheet HTML 1Page - Torex Semiconductor XC6902 Datasheet HTML 2Page - Torex Semiconductor XC6902 Datasheet HTML 3Page - Torex Semiconductor XC6902 Datasheet HTML 4Page - Torex Semiconductor XC6902 Datasheet HTML 5Page - Torex Semiconductor XC6902 Datasheet HTML 6Page - Torex Semiconductor XC6902 Datasheet HTML 7Page - Torex Semiconductor XC6902 Datasheet HTML 8Page - Torex Semiconductor XC6902 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC6902
シリーズ
■製品分類
●品番ルール
XC6902①②③④⑤⑥-⑦(*1)
3 端子電圧レギュレータ
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
N
Soft-start, Thermal Shutdown
251
-2.5V (±1.5%)
261
-2.6V (±1.5%)
301
-3.0V (±1.5%)
331
-3.3V (±1.5%)
401
-4.0V (±1.5%)
451
-4.5V (±1.5%)
501
-5.0V (±1.5%)
601
-6.0V (±1.5%)
②③④
Output Voltage
(*2)
(Accuracy)
C01
-12.0V (±1.5%)
ER-G
USP-6C(3,000/Reel)
MR-G
SOT-23 (3,000/Reel)
⑤⑥
-⑦
Packages
(Order Unit)
PR-G
SOT-89(1,000/Reel)
(*1)末尾に”-G”が付く場合は、ハロゲン&アンチモンフリーかつ RoHS 対応製品になります。
(*2)他の電圧を要望される場合は TOREX 営業にお問い合わせ下さい。-0.9V~-12V 範囲で設定可能です。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com