Electronic Components Datasheet Search
  English  ▼

X  

2N2484HR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 2N2484HR
Description  Hi-Rel NPN bipolar transistor 60 V - 50 mA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484HR Datasheet(HTML) 1 Page - STMicroelectronics

  2N2484HR Datasheet HTML 1Page - STMicroelectronics 2N2484HR Datasheet HTML 2Page - STMicroelectronics 2N2484HR Datasheet HTML 3Page - STMicroelectronics 2N2484HR Datasheet HTML 4Page - STMicroelectronics 2N2484HR Datasheet HTML 5Page - STMicroelectronics 2N2484HR Datasheet HTML 6Page - STMicroelectronics 2N2484HR Datasheet HTML 7Page - STMicroelectronics 2N2484HR Datasheet HTML 8Page - STMicroelectronics 2N2484HR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2010
Doc ID 17734 Rev 1
1/12
12
2N2484HR
Hi-Rel NPN bipolar transistor 60 V - 50 mA
Features
■ Linear gain characteristics
■ Hermetic packages
■ ESCC qualified
■ European preferred part list - EPPL
Description
The 2N2484HR is a silicon planar epitaxial NPN
transistor specifically designed for aerospace Hi-
Rel applications and housed in hermetic
packages. It complies with the ESCC 5000
qualification standard. It is ESCC qualified
according to the 5201-001 specification. In case
of conflict between this datasheet and ESCC
detailed specification, the latter prevails.
Figure 1.
Internal schematic diagram
Pin 4 in LCC-3UB connected to the lid (for ground contact)
Parameter
Value
BVCEO
60 V
IC (max)
50 mA
hFE at 10 V - 150 mA
> 250
Operating temperature range
- 65 °C to + 200 °C
TO-18
LCC-3
3
1
2
LCC-3UB
3
1
2
3
1
2
4
Table 1.
Device summary
Order codes
ESCC Part number
Quality Level
Packages
Lead Finish
Mass (g)
EPPL
2N2484UB1
-
Engineering
Model
LCC-3UB
Gold
0.06
-
2N2484UB06
5201/001/06
ESCC Flight
LCC-3UB
Gold
0.06
-
2N2484UB07
5201/001/07
ESCC Flight
LCC-3UB
Solder Dip
0.06
-
SOC2484
-
Engineering
Model
LCC-3
Gold
0.06
-
SOC2484HRB
5201/001/01 or 02
ESCC Flight
LCC-3
Gold / Solder Dip (1)
0.06
-
2N2484HR
5201/001/04 or 05
ESCC Flight
TO-18
Gold / Solder Dip (1)
0.40
Y
1.
Depending ESCC part number mentioned on the purchase order.
www.st.com


Similar Part No. - 2N2484HR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2484 PHILIPS-2N2484 Datasheet
49Kb / 8P
NPN general purpose transistor
1997 May 01
logo
STMicroelectronics
2N2484 STMICROELECTRONICS-2N2484 Datasheet
113Kb / 19P
SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
04-Jun-5000
logo
Semicoa Semiconductor
2N2484 SEMICOA-2N2484 Datasheet
31Kb / 1P
Chip Type 2C2484 Geometry 0307 Polarity NPN
2N2484 SEMICOA-2N2484 Datasheet
55Kb / 3P
Type 2N2484 Geometry 0220 / 0307 Polarity NPN
logo
Boca Semiconductor Corp...
2N2484 BOCA-2N2484 Datasheet
52Kb / 3P
NPN SILICON PLANAR TRANSISTOR
More results

Similar Description - 2N2484HR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2219AHR STMICROELECTRONICS-2N2219AHR Datasheet
133Kb / 9P
Hi-Rel NPN bipolar transistor 40 V, 0.8 A
04-Oct-2012
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
Hi-Rel PNP bipolar transistor 60 V, 0.6 A
04-Oct-2012
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
363Kb / 16P
Hi-Rel 60 V - 0.6 A PNP transistor
14-May-2012
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
05-Jan-2010
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
Hi-Rel NPN bipolar transistor 80 V, 1 A
05-Oct-2012
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
Hi-Rel 80 V - 1 A NPN bipolar transistor
30-Nov-2011
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
Hi-Rel PNP bipolar transistor 80 V - 5 A
12-Sep-2012
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
Hi-Rel NPN bipolar transistor 80 V - 5 A
12-Sep-2012
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
Hi-Rel NPN bipolar transistor 160 V - 0.5 A
12-Jul-2010
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
Hi-Rel 60 V, 0.6 A PNP transistor
18-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com